Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-2612 Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-2612
Description  High CMR Line Receiver Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2612 Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2612 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Notes:
1. Bypassing of the power supply line is required, with a 0.1
µF ceramic disc capacitor adjacent to each optocoupler as illustrated in Figure 15. Total
lead length between both ends of the capacitor and the isolator pins should not exceed 20 mm.
2. Device considered a two terminal device: pins 1, 2, 3, and 4 shorted together, and pins 5, 6, 7, and 8 shorted together.
3. The tPLH propagation delay is measured from the 3.75 mA point on the falling edge of the input pulse to the 1.5 V point on the rising edge of the
output pulse.
4. The tPHL propagation delay is measured from the 3.75 mA point on the rising edge of the input pulse to the 1.5 V point on the falling edge of the
output pulse.
5. The tELH enable propagation delay is measured from the 1.5 V point on the falling edge of the enable input pulse to the 1.5 V point on the rising edge
of the output pulse.
6. The tEHL enable propagation delay is measured from the 1.5 V point on the rising edge of the enable input pulse to the 1.5 V point on the falling edge
of the output pulse.
7. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state (i.e., VOUT > 2.0 V).
8. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state (i.e., VOUT < 0.8 V).
9. For sinusoidal voltages,
|dvCM|
––––––
=
πf
CMVCM (p-p)
dt
max
10. No external pull up is required for a high logic state on the enable input. If the VE pin is not used, tying VE to VCC will result in improved CMR
performance.
11. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage of
≥ 4500 for one second (leakage detection
current limit, Ii-o ≤ 5 µA).
12. tPSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within the operating condition
range.
13. See application section titled “Propagation Delay, Pulse-Width Distortion and Propagation Delay Skew” for more information.
Figure 1. Typical high level output current vs.
temperature.
Figure 2. Typical low level output voltage vs.
temperature.
Figure 3. Typical input characteristics.
1.0
020
3040
60
II – INPUT CURRENT – mA
10
50
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
25°C
70°C
0°C
Figure 5. Typical low level output current vs.
temperature.
Figure 4. Typical output voltage vs. forward
input current.
1
6
2
3
4
5
12
3
4
5
6
IF – FORWARD INPUT CURRENT – mA
RL = 350 Ω
RL = 1 KΩ
RL = 4 KΩ
0
0
VCC = 5 V
TA = 25 °C
-60
0
TA – TEMPERATURE – °C
100
10
15
-20
5
20
VCC = 5.5 V
VO = 5.5 V
VE = 2 V
II = 250 µA
60
-40
0
40
80
VCC = 5.5 V
VE = 2 V
II = 5 mA
0.5
0.4
-60
-20
20
60
100
TA – TEMPERATURE – °C
0.3
80
40
0
-40
0.1
0.2
IO = 16 mA
IO = 12.8 mA
IO = 9.6 mA
IO = 6.4 mA
VCC = 5 V
VE = 2 V
VOL = 0.6 V
70
60
-60
-20
20
60
100
TA – TEMPERATURE – °C
50
80
40
0
-40
20
40
II = 10-15 mA
II = 5.0 mA


Numéro de pièce similaire - HCPL-2612

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-2612 HP-HCPL-2612 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2612 HP-HCPL-2612 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2612 HP-HCPL-2612 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2612 AVAGO-HCPL-2612 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
More results

Description similaire - HCPL-2612

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com