Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-2202 Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-2202 Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED |
7 / 18 page 7 Regulatory Information The HCPL-22XX/02XX and HCNW22XX have been approved by the following organizations: UL Recognized under UL 1577, Component Recognition Program, File E55361. CSA Approved under CSA Component Acceptance Notice #5, File CA 88324. IEC/EN/DIN EN 60747-5-2 Approved under: IEC 60747-5-2:1997 + A1:2002 EN 60747-5-2:2001 + A1:2002 DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01 (Option 060 and HCNW only) Recommended Pb-Free IR Profile Insulation and Safety Related Specifications 8-pin DIP Package 8-Pin DIP Widebody (300 Mil) SO-8 (400 Mil) Parameter Symbol Value Value Value Units Conditions Minimum External L(101) 7.1 4.9 9.6 mm Measured from input terminals Air Gap (External to output terminals, shortest Clearance) distance through air. Minimum External L(102) 7.4 4.8 10.0 mm Measured from input terminals Tracking (External to output terminals, shortest Creepage) distance path along body. Minimum Internal 0.08 0.08 1.0 mm Through insulation distance, Plastic Gap conductor to conductor, usually (Internal Clearance) the direct distance between the photoemitter and photodetector inside the optocoupler cavity. Minimum Internal NA NA 4.0 mm Measured from input terminals Tracking (Internal to output terminals, along Creepage) internal cavity. Tracking Resistance CTI 200 200 200 Volts DIN IEC 112/VDE 0303 Part 1 (Comparative Tracking Index) Isolation Group IIIa IIIa IIIa Material Group (DIN VDE 0110, 1/89, Table 1) Option 300 - surface mount classification is Class A in accordance with CECC 00802. 217 °C RAMP-DOWN 6 °C/SEC. MAX. RAMP-UP 3 °C/SEC. MAX. 150 - 200 °C * 260 +0/-5 °C t 25 °C to PEAK 60 to 150 SEC. 15 SEC. TIME WITHIN 5 °C of ACTUAL PEAK TEMPERATURE tp ts PREHEAT 60 to 180 SEC. tL TL Tsmax Tsmin 25 Tp TIME NOTES: THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX. Tsmax = 200 °C, Tsmin = 150 °C NOTE: NON-HALIDE FLUX SHOULD BE USED. * RECOMMENDED PEAK TEMPERATURE FOR WIDEBODY 400mils PACKAGE IS 245 °C |
Numéro de pièce similaire - HCPL-2202 |
|
Description similaire - HCPL-2202 |