Moteur de recherche de fiches techniques de composants électroniques |
|
3-1571999-6 Fiches technique(PDF) 3 Page - Tyco Electronics |
|
3-1571999-6 Fiches technique(HTML) 3 Page - Tyco Electronics |
3 / 30 page Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. www.tycoelectronics.com 2 Switches GDHL Series I Ultra low profile I Half pitch I Gold contacts 2, 4, 6, 8, 10 SMT Yes 25 mA @ 24 Vdc 1000 ops. -30…+85°C 4.5 x 1.45 mm Tube, Tape and Reel DIP Switches - GD Series, High Feature Line Dips Standard number of positions Mounting style Tape seal Contact rating Electrical endurance Operating temperature range Dimensions (WxH) Packaging GDR Series I Recessed rocker actuator I Classic profile I Gold contacts 2, 4, 6, 8, 10 THT, SMT Yes 25 mA @ 24 Vdc 1000 ops. -30…+85°C 9.6 x 6.9 mm Tube, Tape and Reel GDP Series I Piano actuator I Classic profile I Gold contacts 2, 4, 6, 8, 10 THT, SMT Yes 25 mA @ 24 Vdc 1000 ops. -30…+85°C 9.6 x 8.7 mm Tube, Tape and Reel GDS Series I Low profile I End stackable I Auto insertable I Gold contacts 2, 4, 6, 8, 10 THT, SMT Yes 25 mA @ 24 Vdc 1000 ops. -30…+85°C 6.2 x 2.7 mm Tube, Tape and Reel GDH Series I Low profile I Half pitch I Gold contacts 2, 4, 6, 8, 10 SMT Yes 25 mA @ 24 Vdc 1000 ops. -30…+85°C 6.2 x 3.2 mm Tape and Reel Dips Standard number of positions Mounting style Tape seal Contact rating Electrical endurance Operating temperature range Dimensions (WxH) Packaging |
Numéro de pièce similaire - 3-1571999-6 |
|
Description similaire - 3-1571999-6 |