Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X-1123724-Y Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce X-1123724-Y
Description  Quick Reference Guide Economy Power Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

X-1123724-Y Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  X-1123724-Y Datasheet HTML 1Page - List of Unclassifed Manufacturers X-1123724-Y Datasheet HTML 2Page - List of Unclassifed Manufacturers X-1123724-Y Datasheet HTML 3Page - List of Unclassifed Manufacturers X-1123724-Y Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Quick Reference Guide
Economy Power Connector System
TE Connectvity’s (TE) Economy Power (EP) wire-to-board connector family is widely used for power circuit
applications. Based on the proven EP version the new and advanced EP II and EP 2.5 lines offer additional
benefits. EP II connectors are rated for 600VAC at up to 11A and thus offer potential for a larger range of
applications. Still their electric properties make it an option to mix signal and power in one connector.
EP II connectors offer two levels of mechanical and electrical reliability: A true locking latch prevents
the plug housing and post header from vibrating apart, while a Terminal Position Assurance (TPA) device
produces a tangible click once a receptacle contact is fully seated. A visual aid confirms that the contact
is home plus it provides easy access to a probe tip for continuity testing. The new EP 2.5 family is a
compact version based on a .100” [2.5mm] pitch ideally suited for PC board space restraints. Up to
20 positions make it the perfect choice for combining power and signal.
FEATURES AND BENEFITS
Positive audible latch designed for easier
mating & unmating
Polarization tabs help prevent post misalignment
Complete product offering with color coded
housings
End to end stackable
Intermateable to similar competitive products
for retrofit applications
Broad portfolio includes .100, .156, .200 and .312
centerline families.
PRODUCT APPLICATIONS
Household appliances
Commercial & building equipment
HVAC & vending controls
Industrial machinery & equipment:
generators
Coin changers/vending machines
Lighting
te.com/products
/EP


Numéro de pièce similaire - X-1123724-Y

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
X-11181-002 LINER-X-11181-002 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
X-11181-002 LINER-X-11181-002 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
logo
Tyco Electronics
X-115064-10-# MACOM-X-115064-10-# Datasheet
2Mb / 48P
   Thermal Transfer
More results

Description similaire - X-1123724-Y

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
5-104935-6 MACOM-5-104935-6 Datasheet
633Kb / 6P
   Quick Reference Guide AMPMODU MTE Interconnect System
logo
List of Unclassifed Man...
1827682-1 ETC2-1827682-1 Datasheet
2Mb / 4P
   QUICK REFERENCE GUIDE
2013928-8 ETC2-2013928-8 Datasheet
1Mb / 4P
   Quick Reference Guide
logo
TE Connectivity Ltd
1-1773735-6 TEC-1-1773735-6 Datasheet
955Kb / 2P
   QUICK REFERENCE GUIDE
logo
Panasonic Semiconductor
KX-T7730 PANASONIC-KX-T7730 Datasheet
3Mb / 16P
   Quick Reference Guide
logo
Tyco Electronics
FTN59 MACOM-FTN59 Datasheet
550Kb / 6P
   Quick Reference Guide
logo
List of Unclassifed Man...
1888250-3 ETC2-1888250-3 Datasheet
1Mb / 6P
   Quick Reference Guide
logo
Tyco Electronics
2110819-1 MACOM-2110819-1 Datasheet
4Mb / 6P
   Quick Reference Guide
1-647676-2 MACOM-1-647676-2 Datasheet
426Kb / 4P
   Economy Power Connector System
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
More results


Html Pages

1 2 3 4