Moteur de recherche de fiches techniques de composants électroniques |
|
CBC-EVAL-11 Fiches technique(PDF) 2 Page - Cymbet Corporation |
|
CBC-EVAL-11 Fiches technique(HTML) 2 Page - Cymbet Corporation |
2 / 3 page AN-1040: Cymbet EH Eval Kit CDROM Firmware Readme ©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com Doc AN-72-1040 Rev D Page 2 of 3 Cymbet EH EVAL Kit GUI with Access point in Red and 4 end device nodes Modifying the Access Point and End Device Firmware The Access Point and End Device firmware is presented as unlicensed open source code and is not supported or warranted by either Cymbet or Texas Instruments. Many developers find this open source code useful for experimentation and educational purposes. The actual C code is stored on the EVAL Kit CD-ROM in: GUI and TI ez430 code\TI Access Point End Device\SimpliciTI-1.0.6\Projects\ Examples\Peer applications\eZ430RF\ AP as data hub\Release. In order to alter this code, a compiler is needed. TI recommends the IAR Embedded Workbench® for TI MSP430 which can be found at http://www.iarsystems.com/ website1/1.0.1.0/220/1/. Please contact IAR Systems for additional information. Preparing the PC for the USB Drivers and GUI The Eval kit CD-ROM folder for the GUI and TI eZ430 code is GUI and TI ez430 code with two subfolders Cymbet GUI and TI Access Point End Device. Prior to installing the Cymbet GUI, install the TI Sensor Monitor Visualizer GUI that comes with the TI kit CD. This must be done in order to install the USB driver needed by the Cymbet GUI to communicate with the TI access point. The TI GUI may be removed after the Cymbet GUI is installed. Install the Cymbet GUI by opening the Cymbet GUI folder, then opening the Release folder. Click on the setup file in this folder and follow the instructions for installing the GUI on your Windows PC with XP or Windows 7. No Mac version is supplied. If you are using Windows 7, make sure you download the correct Elprotronic eZ430 download code, then follow the instructions in the Readme document. Cymbet PC-based Graphical User Interface for EH EVAL Kits The CD-ROM contains PC software for a wireless network graphical user interface. This GUI software communicates with the TI USB-based Access point that is wirelessly connected to the TI wireless endpoints attached to Cymbet Eval kits. The software installation is accomplished by going to the GUI and TI ez430 code folder and opening the Release folder. Click on the setup file and follow the installation instructions. Before opening the GUI, it is usually best to insert the TI USB-based access point into the PC and wait for the PC to recognize and register this USB device. Then open the GUI software. A flashing red ball should appear representing the wireless access point. Figure 3 shows an illustration of the GUI. After the Access Point is initialized, plug the TI wireless end device into the Cymbet Eval Kit right angle 6-pin connector. Depending on the type of EVAL kit and type of Energy Harvesting transducer, a colored ball will appear for the End Point. EVAL-08, EVAL-10, and EVAL-11 will come up in a yellow color when harvesting energy. If the transducer (solar or RF) is not active, the ball will be a dark blue representing the Eval Kit is being powered by the EnerChip solid state batteries. In the case of the EVAL-09, the color of the end device ball is dictated by the transducer. Yellow is Solar; purple is Thermoelectric; light blue is Electromagnetic; and green is Piezoelectric. Should any transducer be inactive, the ball will show dark blue as the EnerChips are being powered by the wireless node. The values in the balls indicate the following conditions of the wireless end device: Temperature; number id of the wireless node; the power supplied by the energy harvesting transducer in microwatts (EVAL-09 only); the energy harvesting state of the EH EVAL board (EVAL-09 only); the wireless node reporting interval in seconds; and the EnerChip state of charge on the EVAL kit. EnerChip ball values are: temperature; node id; transmission count down (starts at 400); reporting |
Numéro de pièce similaire - CBC-EVAL-11 |
|
Description similaire - CBC-EVAL-11 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |