Moteur de recherche de fiches techniques de composants électroniques |
|
ST150PG1SPGF Fiches technique(PDF) 1 Page - Honeywell Solid State Electronics Center |
|
ST150PG1SPGF Fiches technique(HTML) 1 Page - Honeywell Solid State Electronics Center |
1 / 4 page Stainless Steel Pressure Sensors ST Series FEATURES • Amplified output which eliminates the cost of external amplifiers • Reverse polarity protection prevents damaged from reversed excitation • Less than 500 µs response time for accurate high speed measurements • Exceeds CE Heavy Industrial EMC • High value with outstanding performance TYPICAL APPLICATIONS • Pneumatic equipment • Air compressors • Air filtration monitoring • Industrial controls WARNING PERSONAL INJURY DO NOT USE these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. Failure to comply with these instructions could result in death or serious injury. The Model ST pressure transducer combines Honeywell's proven silicon pressure sensing with the latest in ASIC technology in a rugged, industrial package. High value, coupled with outstanding performance, make this an ideal transducer for industrial control applications such as air compressors and pneumatic equipment. Temperature compensated, calibrated, and amplified, the ST has pressure ranges from 0 psi to 5.0 psi to 0 psi to 250 psi. The ST offers three standard output options for user flexibility, which are as follows: a 0.50 Vdc to 4.50 Vdc ratiometric output from 5.0 Vdc excitation, a 0.50 Vdc to 4.50 Vdc regulated output from 7.0 Vdc to 35.0 Vdc excitation, or a 4 mA to 20 mA output from 9.5 Vdc to 35.0 Vdc. The ST transducer delivers ±1.0% full scale accuracy (BFSL) over a wide temperature range of -40 °C to 100 °C [-40 °F to 212 °F] and utilizes a proven industry standard connector for high reliability. WARNING MISUSE OF DOCUMENTATION • The information presented in this product sheet is for reference only. Do not use this document as a product installation guide. • Complete installation, operation, and maintenance information is provided in the instructions supplied with each product. Failure to comply with these instructions could result in death or serious injury. Sensing and Control |
Numéro de pièce similaire - ST150PG1SPGF |
|
Description similaire - ST150PG1SPGF |