Moteur de recherche de fiches techniques de composants électroniques |
|
ST150PG1SPGF Fiches technique(PDF) 3 Page - Honeywell Solid State Electronics Center |
|
ST150PG1SPGF Fiches technique(HTML) 3 Page - Honeywell Solid State Electronics Center |
3 / 4 page Stainless Steel Pressure Sensors ST Series HOW TO ORDER ST Series 100 Range P Unit G Reference G = Gage (psig) V = Vacuum** 1 S P G F F = Fluorosilicone G = 4 mA to 20 mA R = 0.5 Vdc to 4.5 Vdc Regulated C = 0.5 Vdc to 4.5 Vdc Ratiometric P = Packard S = Stainless Steel B = Brass Internal Seal Material Output Termination Port Material Pressure Connections B = BAR P = PSI BAR 0R4* 0R6* 001 1R6* 2R5* 004 006 010 016 005 010 015 025 050 PSI 100 150 200 250 1 = 1/8-27 NPT 2 = 1/4-18 NPT 6 = G1/4-19 BSP * The character R replaces the decimal point in fractional pressure ranges. ** For 015 pressure range only, full scale output at -14.7 psi. Note: Not all combinations are available. Minimum quantity orders apply. Contact Honeywell for more details Honeywell • Sensing and Control 3 |
Numéro de pièce similaire - ST150PG1SPGF |
|
Description similaire - ST150PG1SPGF |