Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIC403A Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SIC403A
Description  6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403A Fiches technique(HTML) 5 Page - Vishay Siliconix

  SIC403A_13 Datasheet HTML 1Page - Vishay Siliconix SIC403A_13 Datasheet HTML 2Page - Vishay Siliconix SIC403A_13 Datasheet HTML 3Page - Vishay Siliconix SIC403A_13 Datasheet HTML 4Page - Vishay Siliconix SIC403A_13 Datasheet HTML 5Page - Vishay Siliconix SIC403A_13 Datasheet HTML 6Page - Vishay Siliconix SIC403A_13 Datasheet HTML 7Page - Vishay Siliconix SIC403A_13 Datasheet HTML 8Page - Vishay Siliconix SIC403A_13 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Document Number: 62768
S12-1972-Rev. A, 27-Aug-12
www.vishay.com
5
Vishay Siliconix
SiC403A, SiC403BCD
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 12 V, VDD = 5 V, TA = + 25 °C for typ.,
- 40 °C to + 85 °C for min. and max.,
TJ = < 125 °C, typical application circuit
Min.
Typ.
Max.
Unit
Input Power Supplies
Input Supply Voltage
VIN
328
V
VDD
VDD
35.5
VIN UVLO Threshold
(a)
VUVLO
Sensed at ENL pin, rising
2.4
2.6
2.95
Sensed at ENL pin, falling
2.23
2.4
2.57
VIN UVLO Hysteresis
VUVLO, HYS
0.25
VDD UVLO Threshold
VUVLO
Measured at VDD pin, rising
2.5
3
Measured at VDD pin, falling
2.4
2.9
VDD UVLO Hysteresis
VUVLO, HYS
0.2
VIN Supply Current
IIN
ENL, EN/PSV = 0 V , VIN = 28 V
12
20
µA
Standby mode; ENL = VDD, EN/PSV = 0 V
160
VDD Supply Current
IDD
ENL, EN/PSV = 0 V
190
300
SiC403A, EN/PSV = VDD, no load
(fSW = 25 kHz), VFB > 0.6 V
(b)
0.3
mA
SiC403B, EN/PSV = VDD, no load,
VFB > 0.6 V
(b)
0.7
VDD = 5 V, fSW = 250 kHz,
EN/PSV = floating, no load (b)
8
VDD = 3 V, fSW = 250 kHz,
EN/PSV = floating, no load (b)
5
FB On-Time Threshold
Static VIN and load
0.594
0.600
0.606
V
Frequency Range
fSW
Continuous mode operation
1000
kHz
Minimum fSW, (SiC403A only)
25
Bootstrap Switch Resistance
10
Timing
On-Time
tON
Continuous mode operation VIN = 12 V,
VOUT = 5 V, fSW = 300 kHz, Rton = 133 k
999
1110
1220
ns
Minimum On-Time (b)
tON, min.
80
Minimum Off-Time (b)
tOFF, min.
VDD = 5 V
250
VDD = 3 V
370
Soft Start
Soft Start Current (b)
ISS
3µA
Soft Start Voltage (b)
VSS
When VOUT reaches regulation
1.5
V
Analog Inputs/Outputs
VOUT Input Resistance
RO-IN
500
k
Current Sense
Zero-Crossing Detector Threshold Voltage
VSense-th
LX-PGND
- 3
+ 3
mV
Power Good
Power Good Threshold
PG_VTH_UPPER
Upper limit, VFB > internal 600 mV reference
+ 20
%
PG_VTH_LOWER Lower limit, VFB < internal 600 mV reference
- 10
Start-Up Delay Time
(between PWM enable and PGOOD high)
PG_Td
VDD = 5 V, CSS = 10 nF
12
ms
VDD = 3 V, CSS = 10 nF
7
Fault (noise-immunity) Delay Time (b)
PG_ICC
5µs
Leakage Current
PG_ILK
1µA
Power Good On-Resistance
PG_RDS_ON
10
Fault Protection
Valley Current Limit
ILIM
VDD = 5 V, RILIM = 4750, TJ = 0 °C to +125 °C
4.8
6
7.2
A
VDD = 3.3 V, RILIM = 4750
5.1
ILIM Source Current
10
µA


Numéro de pièce similaire - SIC403A_13

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIC403A/B VISHAY-SIC403A/B Datasheet
4Mb / 12P
   microBUCK짰 Highly Integrated Synchronous Buck Regulators
2012
SIC403A/B VISHAY-SIC403A/B Datasheet
4Mb / 12P
   microBUCK® Highly Integrated Synchronous Buck Regulators
SiC403ACD-T1-GE3 VISHAY-SiC403ACD-T1-GE3 Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403ACD-T1-GE3 VISHAY-SIC403ACD-T1-GE3 Datasheet
1Mb / 27P
   6 A microBUCK짰 SiC403A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
More results

Description similaire - SIC403A_13

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
   6 A microBUCK짰 SiC403A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
   10 A microBUCK짰 SiC402A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com