Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1830-0000-000N00T235H Fiches technique(PDF) 4 Page - Cree, Inc

No de pièce CXA1830-0000-000N00T235H
Description  LED array expands Crees family of high flux, multi die arrays in a smaller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1830-0000-000N00T235H Fiches technique(HTML) 4 Page - Cree, Inc

  CXA1830-0000-000N00T235H Datasheet HTML 1Page - Cree, Inc CXA1830-0000-000N00T235H Datasheet HTML 2Page - Cree, Inc CXA1830-0000-000N00T235H Datasheet HTML 3Page - Cree, Inc CXA1830-0000-000N00T235H Datasheet HTML 4Page - Cree, Inc CXA1830-0000-000N00T235H Datasheet HTML 5Page - Cree, Inc CXA1830-0000-000N00T235H Datasheet HTML 6Page - Cree, Inc CXA1830-0000-000N00T235H Datasheet HTML 7Page - Cree, Inc CXA1830-0000-000N00T235H Datasheet HTML 8Page - Cree, Inc CXA1830-0000-000N00T235H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
4
XLamp CXa1830 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, ansi White order codes and bins (i
f = 800 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1830 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 11).
cct
range
cri
base order codes
min. luminous flux
@ 800 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
5000 K
70
75
T4
3440
3887
3A0, 3B0, 3C0, 3D0
CXA1830-0000-000N00T40e3
U2
3680
4158
CXA1830-0000-000N00U20e3
80
---
S4
2990
3379
3A0, 3B0, 3C0, 3D0
CXA1830-0000-000N0HS40e3
T2
3200
3616
CXA1830-0000-000N0HT20e3
T4
3440
3887
CXA1830-0000-000N0HT40e3
4000 K
70
75
T2
3200
3616
5A0, 5B0, 5C0, 5D0
CXA1830-0000-000N00T20e5
T4
3440
3887
CXA1830-0000-000N00T40e5
U2
3680
4158
CXA1830-0000-000N00U20e5
80
---
S4
2990
3379
5A0, 5B0, 5C0, 5D0
CXA1830-0000-000N0HS40e5
T2
3200
3616
CXA1830-0000-000N0HT20e5


Numéro de pièce similaire - CXA1830-0000-000N00T235H

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

Description similaire - CXA1830-0000-000N00T235H

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com