Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1830-0000-000N0HT450H Fiches technique(PDF) 7 Page - Cree, Inc

No de pièce CXA1830-0000-000N0HT450H
Description  LED array expands Crees family of high flux, multi die arrays in a smaller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1830-0000-000N0HT450H Fiches technique(HTML) 7 Page - Cree, Inc

Back Button CXA1830-0000-000N0HT450H Datasheet HTML 3Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 4Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 5Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 6Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 7Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 8Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 9Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 10Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa1830 LED
tyPical sPatial distribution
Performance grouPs - brightness (i
f = 800 ma, tJ = 85 °c)
XLamp CXA1830 LEDs are tested for luminous flux and placed into one of the following bins.
group code
min. luminous flux
@ 800 ma
max. luminous flux
@ 800 ma
p4
1965
2100
Q2
2100
2260
Q4
2260
2420
R2
2420
2600
R4
2600
2780
S2
2780
2990
S4
2990
3200
T2
3200
3440
T4
3440
3680
U2
3680
3955
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


Numéro de pièce similaire - CXA1830-0000-000N0HT450H

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

Description similaire - CXA1830-0000-000N0HT450H

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com