Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8542ARZ-REEL7 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8542ARZ-REEL7
Description  CMOS Rail-to-Rail General-Purpose ifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8542ARZ-REEL7 Fiches technique(HTML) 1 Page - Analog Devices

  AD8542ARZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8542ARZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8542ARZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8542ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8542ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8542ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8542ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8542ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8542ARZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CMOS Rail-to-Rail General-Purpose
Amplifiers
AD8541/AD8542/AD8544
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 2.7 V to 5.5 V
Low supply current: 45 μA/amplifier
Wide bandwidth: 1 MHz
No phase reversal
Low input currents: 4 pA
Unity gain stable
Rail-to-rail input and output
Qualified for automotive applications
APPLICATIONS
ASIC input or output amplifiers
Sensor interfaces
Piezoelectric transducer amplifiers
Medical instrumentation
Mobile communications
Audio outputs
Portable systems
GENERAL DESCRIPTION
The AD8541/AD8542/AD8544 are single, dual, and quad rail-
to-rail input and output, single-supply amplifiers featuring very
low supply current and 1 MHz bandwidth. All are guaranteed to
operate from a 2.7 V single supply as well as a 5 V supply. These
parts provide 1 MHz bandwidth at a low current consumption
of 45 μA per amplifier.
Very low input bias currents enable the AD8541/AD8542/AD8544
to be used for integrators, photodiode amplifiers, piezoelectric
sensors, and other applications with high source impedance.
The supply current is only 45 μA per amplifier, ideal for battery
operation.
Rail-to-rail inputs and outputs are useful to designers buffering
ASICs in single-supply systems. The AD8541/AD8542/AD8544
are optimized to maintain high gains at lower supply voltages,
making them useful for active filters and gain stages.
The AD8541/AD8542/AD8544 are specified over the extended
industrial temperature range (–40°C to +125°C). The AD8541
is available in 5-lead SOT-23, 5-lead SC70, and 8-lead SOIC
packages. The AD8542 is available in 8-lead SOIC, 8-lead MSOP,
and 8-lead TSSOP surface-mount packages. The AD8544 is
available in 14-lead narrow SOIC and 14-lead TSSOP surface-
mount packages. All MSOP, SC70, and SOT versions are available
in tape and reel only. See the Ordering Guide for automotive
models.
PIN CONFIGURATIONS
1
2
3
5
4 –IN A
+IN A
V+
OUT A
AD8541
V–
Figure 1. 5-Lead SC70 and 5-Lead SOT-23
(KS and RJ Suffixes)
NC
–IN A
+IN A
V–
V+
OUT A
NC
NC
1
2
3
4
8
7
6
5
AD8541
NC = NO CONNECT
Figure 2. 8-Lead SOIC
(R Suffix)
AD8542
1
2
3
4
8
7
6
5
OUT A
–IN A
+IN A
V–
+IN B
–IN B
OUT B
V+
Figure 3. 8-Lead SOIC, 8-Lead MSOP, and 8-Lead TSSOP
(R, RM, and RU Suffixes)
AD8544
1
2
3
4
14
13
12
11
OUT A
–IN A
+IN A
V+
V–
+IN D
–IN D
OUT D
5
6
7
10
9
8
+IN B
–IN B
OUT B
OUT C
–IN C
+IN C
Figure 4. 14-Lead SOIC and 14-Lead TSSOP
(R and RU Suffixes)


Numéro de pièce similaire - AD8542ARZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8542ARZ-REEL7 AD-AD8542ARZ-REEL7 Datasheet
232Kb / 16P
   General Purpose CMOS Rail-to-Rail Amplifiers
REV. D
AD8542ARZ-REEL7 AD-AD8542ARZ-REEL7 Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8542ARZ-REEL7 AD-AD8542ARZ-REEL7 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
More results

Description similaire - AD8542ARZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8541 AD-AD8541 Datasheet
232Kb / 16P
   General Purpose CMOS Rail-to-Rail Amplifiers
REV. D
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_07 Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8541 AD-AD8541_08 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8544 AD-AD8544_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
TECH PUBLIC Electronics...
LMV321IDBVR TECHPUBLIC-LMV321IDBVR Datasheet
3Mb / 6P
   CMOS, Rail to Rail General-Purpose Amplifiers
2018.1.15
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
   General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com