Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RURG1540CC Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce RURG1540CC
Description  15A, 400V - 600V Ultrafast Dual Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RURG1540CC Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  RURG1540CC Datasheet HTML 1Page - Fairchild Semiconductor RURG1540CC Datasheet HTML 2Page - Fairchild Semiconductor RURG1540CC Datasheet HTML 3Page - Fairchild Semiconductor RURG1540CC Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
RURG1540CC, RURG1560CC Rev. B
RURG1540CC, RURG1560CC
15A, 400V - 600V Ultrafast Dual Diodes
The RURG1540CC and RURG1560CC are ultrafast dual
diodes with soft recovery characteristics (trr < 55ns). They
have low forward voltage drop and are of silicon nitride
passivated ion-implanted epitaxial planar construction.
These devices are intended for use as
freewheeling/clamping diodes and rectifiers in a variety of
switching power supplies and other power switching
applications. Their low stored charge and ultrafast recovery
with soft recovery characteristics minimize ringing and
electrical noise in many power switching circuits reducing
power loss in the switching transistors.
Formerly developmental type TA09905.
Symbol
Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . . 175oC
• Reverse Voltage Up to . . . . . . . . . . . . . . . . . . . . . . . . 600V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
RURG1540CC
TO-247
RURG1540C
RURG1560CC
TO-247
RURG1560C
NOTE: When ordering, use the entire part number.
K
A1
A2
CATHODE
(BOTTOM SIDE
ANODE 2
CATHODE
ANODE 1
METAL)
Absolute Maximum Ratings
(Per Leg) TC = 25
oC
RURG1540CC
RURG1560CC
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
400
600
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VRWM
400
600
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
400
600
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
15
15
A
(TC = 145
oC)
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
30
30
A
(Square Wave, 20kHz)
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
200
200
A
(Halfwave, 1 Phase, 60Hz)
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
100
100
W
Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAVL
20
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
-65 to 175
oC
Data Sheet
January 2002


Numéro de pièce similaire - RURG1540CC

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
RURG1540CC INTERSIL-RURG1540CC Datasheet
32Kb / 3P
   15A, 200V Ultrafast Dual Diode
More results

Description similaire - RURG1540CC

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
   15A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
MUR1540 INTERSIL-MUR1540 Datasheet
31Kb / 3P
   15A, 400V - 600V Ultrafast Diodes
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
RURP1560 FAIRCHILD-RURP1560_04 Datasheet
76Kb / 4P
   15A, 400V - 600V Ultrafast Diode
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Dual Diodes
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
RURP640CC INTERSIL-RURP640CC Datasheet
75Kb / 4P
   6A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com