Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD812 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD812
Description  Dual, Current Feedback Low Power Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD812 Fiches technique(HTML) 3 Page - Analog Devices

  AD812 Datasheet HTML 1Page - Analog Devices AD812 Datasheet HTML 2Page - Analog Devices AD812 Datasheet HTML 3Page - Analog Devices AD812 Datasheet HTML 4Page - Analog Devices AD812 Datasheet HTML 5Page - Analog Devices AD812 Datasheet HTML 6Page - Analog Devices AD812 Datasheet HTML 7Page - Analog Devices AD812 Datasheet HTML 8Page - Analog Devices AD812 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Model
AD812A
Conditions
V
S
Min
Typ
Max
Units
OUTPUT CHARACTERISTICS
Output Voltage Swing
R
L = 150 Ω, TMIN –TMAX
±5 V
3.5
3.8
±V
R
L = 1 kΩ, TMIN –TMAX
±15 V
13.6
14.0
±V
Output Current
±5 V
30
40
mA
±15 V
40
50
mA
Short Circuit Current
G = +2, R
F = 715 Ω± 15 V
100
mA
V
IN = 2 V
Output Resistance
Open-Loop
±15 V
15
MATCHING CHARACTERISTICS
Dynamic
Crosstalk
G = +2, f = 5 MHz
±5 V, ± 15 V
–75
dB
Gain Flatness Match
G = +2, f = 40 MHz
±15 V
0.1
dB
DC
Input offset Voltage
T
MIN –TMAX
±5 V, ± 15 V
0.5
3.6
mV
–Input Bias Current
T
MIN –TMAX
±5 V, ± 15 V
2
25
µA
POWER SUPPLY
Operating Range
±1.2
±18
V
Quiescent Current
Per Amplifier
±5 V
3.5
4.0
mA
±15 V
4.5
5.5
mA
T
MIN –TMAX
±15 V
6.0
mA
Power Supply Rejection Ratio
Input Offset Voltage
V
S = ± 1.5 V to ± 15 V
70
80
dB
–Input Current
0.3
0.6
µA/V
+Input Current
0.005
0.05
µA/V
NOTES
1Slew rate measurement is based on 10% to 90% rise time in the specified closed-loop gain.
Specifications subject to change without notice.
Single Supply
Model
AD812A
Conditions
V
S
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +2, No Peaking
+5 V
35
50
MHz
+3 V
30
40
MHz
Bandwidth for 0.1 dB
Flatness
G = +2
+5 V
13
20
MHz
+3 V
10
18
MHz
Slew Rate1
G = +2, R
L = 1 kΩ
+5 V
125
V/
µs
+3 V
60
V/
µs
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
f = 10 kHz
+5 V, +3 V
3.5
nV/
√Hz
Input Current Noise
f = 10 kHz, +In
+5 V, +3 V
1.5
pA/
√Hz
f = 10 kHz, –In
+5 V, +3 V
18
pA/
√Hz
Differential Gain Error2
NTSC, G = +2, R
L = 150 Ω
+5 V
0.07
%
G = +1
+3 V
0.15
%
Differential Phase Error2
G = +2
+5 V
0.06
Degrees
G = +1
+3 V
0.15
Degrees
AD812
REV. B
–3–
(@ TA = +25 C, RL = 150
, unless otherwise noted)


Numéro de pièce similaire - AD812

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD8120 AD-AD8120 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
AD8120ACPZ-R2 AD-AD8120ACPZ-R2 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
AD8120ACPZ-R7 AD-AD8120ACPZ-R7 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
More results

Description similaire - AD812

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com