Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8018 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8018
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8018 Fiches technique(HTML) 4 Page - Analog Devices

  AD8018 Datasheet HTML 1Page - Analog Devices AD8018 Datasheet HTML 2Page - Analog Devices AD8018 Datasheet HTML 3Page - Analog Devices AD8018 Datasheet HTML 4Page - Analog Devices AD8018 Datasheet HTML 5Page - Analog Devices AD8018 Datasheet HTML 6Page - Analog Devices AD8018 Datasheet HTML 7Page - Analog Devices AD8018 Datasheet HTML 8Page - Analog Devices AD8018 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
REV. A
AD8018
–4–
AD8018
VS
V
SIGNAL
50
750
750
–VS
RLOAD
VOUT
10 FTANT
10 FTANT
0.1 F
0.1 F
TPC 1. Single-Ended Test Circuit
TIME – ns
0
–50
–100
–150
50
100
0
50
100
150
G = 2
VS = 2.5V
RL = 5
150
200
250
300
350
400
450
500
TPC 2. Small Signal Step Response
TIME – ns
0
–1
–2
–3
50
100
0
1
2
3
G = 2
VS = 2.5V
RL = 5
150
200
250
300
350
400
450
500
TPC 3. Large Signal Step Response
–Typical Performance Characteristics
1
FREQUENCY – Hz
10
10
1
100
1000
100
1k
10k
100k
1M
0.1
10
100
VS = 2.5V
RL = 100
VNOISE
INOISE
INOISE
TPC 4. INOISE and VNOISE vs. Frequency
FREQUENCY – MHz
0.01
500
0
2k
2.5k
3k
(1,1)
(0,0)
1.5k
1k
0.1
1
10
100
1k
(1,0)
VS= 2.5V
TPC 5. Output Impedance vs. Frequency, for Full Power,
Standby, and Shutdown Modes
–1
–2
–3
1
2
3
0
G = 2
VS = 2.5
VIN = 2V p-p
RL = 100
0
10
20
30
40
50
60
70
80
100
90
TIME – ns
VOUT – (VIN 2)
(–0.1%)
(+0.1%)
TPC 6. 0.1% Settling Time


Numéro de pièce similaire - AD8018

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8018 AD-AD8018 Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018AR AD-AD8018AR Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018AR-REEL AD-AD8018AR-REEL Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018ARU AD-AD8018ARU Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
More results

Description similaire - AD8018

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018_15 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018 Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
AD8397 AD-AD8397 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com