Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14526B Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce MC14526B
Description  Presettable 4-Bit Down Counters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14526B Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button MC14526B Datasheet HTML 2Page - ON Semiconductor MC14526B Datasheet HTML 3Page - ON Semiconductor MC14526B Datasheet HTML 4Page - ON Semiconductor MC14526B Datasheet HTML 5Page - ON Semiconductor MC14526B Datasheet HTML 6Page - ON Semiconductor MC14526B Datasheet HTML 7Page - ON Semiconductor MC14526B Datasheet HTML 8Page - ON Semiconductor MC14526B Datasheet HTML 9Page - ON Semiconductor MC14526B Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC14526B
http://onsemi.com
8
Figure 11. ÷ N Counter
P0
P1
P2
P3
CF
RESET
INHIBIT
CLOCK
PE
Q0
Q1
Q2
Q3
“0”
N
VDD
VSS
fin
BUFFER
fin
N
Figure 12. 3 Stages Cascaded
N0 N1 N2 N3
N4 N5 N6 N7
P0 P1 P2 P3
Q0 Q1 Q2 Q3
fin
CLOCK
INHIBIT
VSS
VDD
LOAD
N
VSS
RESET
“0”
PE
CF
10
K
W
VSS
P0 P1 P2 P3
Q0 Q1 Q2 Q3
CLOCK
INHIBIT
RESET
“0”
PE
CF
CLOCK
INHIBIT
RESET
“0”
PE
CF
P0 P1 P2 P3
Q0 Q1 Q2 Q3
N8 N9 N10 N11
VSS
VDD
BUFFER
LSB
MSB
fin
N
ORDERING INFORMATION
Device
Package
Shipping
MC14526BCPG
PDIP−16
(Pb−Free)
500 Units / Rail
MC14526BDWG
SOIC−16
(Pb−Free)
47 Units / Rail
MC14526BDWR2G
SOIC−16
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Numéro de pièce similaire - MC14526B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B Datasheet
208Kb / 12P
   Presettable 4-Bit Down Counters
March, 2000 ??Rev. 3
MC14526B ONSEMI-MC14526B Datasheet
121Kb / 10P
   Presettable 4?묪it Down Counters
April, 2006 ??Rev. 5
logo
Motorola, Inc
MC14526B MOTOROLA-MC14526B Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
logo
Motorola, Inc
MC14526BCL MOTOROLA-MC14526BCL Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
More results

Description similaire - MC14526B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_14 Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
MC14526B ONSEMI-MC14526B Datasheet
208Kb / 12P
   Presettable 4-Bit Down Counters
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14522B MOTOROLA-MC14522B Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_06 Datasheet
121Kb / 10P
   Presettable 4?묪it Down Counters
April, 2006 ??Rev. 5
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Motorola, Inc
MC14163B MOTOROLA-MC14163B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com