Moteur de recherche de fiches techniques de composants électroniques |
|
ADM213EARU-REEL7 Fiches technique(PDF) 1 Page - Analog Devices |
|
ADM213EARU-REEL7 Fiches technique(HTML) 1 Page - Analog Devices |
1 / 20 page EMI/EMC-Compliant, ±15 kV ESDProtected, RS-232 Line Drivers/Receivers ADM206E/ADM207E/ADM208E/ADM211E/ADM213E Rev. E Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2006 Analog Devices, Inc. All rights reserved. FEATURES Complies with 89/336/EEC EMC directive ESD protection to IEC 1000-4-2 (801-2) Contact discharge: ±8 kV Air-gap discharge: ±15 kV Human body model: ±15 kV EFT/burst immunity (IEC 1000-4-4) Low EMI emissions (EN 55022) Eliminates need for TransZorb® suppressors 230 kbps data rate guaranteed Single 5 V power supply Shutdown mode 1 μW Plug-in upgrade for MAX2xxE Space saving TSSOP package available APPLICATIONS Laptop computers Notebook computers Printers Peripherals Modems GENERAL DESCRIPTION The ADM2xxE is a family of robust RS-232 and V.28 interface devices that operate from a single 5 V power supply. These pro- ducts are suitable for operation in harsh electrical environments and are compliant with the EU directive on electromagnetic compatibility (EMC) (89/336/EEC). The level of emissions and immunity are both in compliance. EM immunity includes ESD protection in excess of ±15 kV on all I/O lines (IEC 1000-4-2), fast transient burst protection (IEC 100044), and radiated immunity (IEC 1000-4-3). EM emissions include radiated and conducted emissions as required by Information Technology Equipment EN 55022, CISPR 22. All devices fully conform to the EIA-232-E and CCITT V.28 specifications and operate at data rates up to 230 kbps. Shut- down and enable control pins are provided on some of the products (see Table 1). The shutdown function on the ADM211E disables the charge pump and all transmitters and receivers. On the ADM213E the CONNECTION DIAGRAM 0.1µF 6.3V + + 0.1µF 5V INPUT + 0.1µF 10V 0.1µF 10V + 0.1µF 10V + T1 T2 T3 T4 R1 R2 R3 R4 R5 GND ADM211E/ ADM213E T1IN T2IN T3IN T4IN R1OUT R2OUT R3OUT R4OUT R5OUT T1OUT T2OUT T3OUT T4OUT R1IN R2IN R3IN R4IN R5IN SHDN (ADM211E) SHDN (ADM213E) TTL/CMOS INPUTS1 TTL/CMOS OUTPUTS RS-232 OUTPUTS RS-232 INPUTS2 1 INTERNAL 400kΩ PULL-UP RESISTOR ON EACH TTL/CMOS INPUT. 2 INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT. C1+ C1– C2+ C2– VCC V+ V– EN (ADM211E) EN (ADM213E) 12 14 15 16 11 13 17 2 3 1 28 9 4 27 23 18 25 7 6 20 21 8 5 26 22 19 24 10 +5V TO +10V VOLTAGE DOUBLER +10V TO –10V VOLTAGE INVERTER Figure 1. charge pump, all transmitters, and three of the five receivers are disabled. The remaining two receivers remain active, thereby allowing monitoring of peripheral devices. This feature allows the device to be shut down until a peripheral device begins communication. The active receivers can alert the processor, which can then take the ADM213E out of the shutdown mode. Operating from a single 5 V supply, four external 0.1 μF capacitors are required. The ADM207E and ADM208E are available in 24-lead PDIP, SSOP, available in 28-lead SSOP, TSSOP, and SOIC_W packages. All products are backward compatible with earlier ADM2xx products, facilitating easy upgrading of older designs. Table 1. Selection Table Model Supply Voltage Drivers Receivers ESD Protection Shutdown Enable Packages ADM206E 5 V 4 3 ±15 kV Yes Yes RW-24 ADM207E 5 V 5 3 ±15 kV No No N-24-1, RW-24, RS-24, RU-24 ADM208E 5 V 4 4 ±15 kV No No N-24-1, RW-24, RS-24, RU-24 ADM211E 5 V 4 5 ±15 kV Yes Yes RW-28, RS-28, RU-28 ADM213E 5 V 4 5 ±15 kV Yes (SHDN)1 Yes (EN) RW-28, RS-28, RU-28 1 Two receivers active. |
Numéro de pièce similaire - ADM213EARU-REEL7 |
|
Description similaire - ADM213EARU-REEL7 |