Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5447 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5447
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5447 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5447 Datasheet HTML 4Page - Analog Devices AD5447 Datasheet HTML 5Page - Analog Devices AD5447 Datasheet HTML 6Page - Analog Devices AD5447 Datasheet HTML 7Page - Analog Devices AD5447 Datasheet HTML 8Page - Analog Devices AD5447 Datasheet HTML 9Page - Analog Devices AD5447 Datasheet HTML 10Page - Analog Devices AD5447 Datasheet HTML 11Page - Analog Devices AD5447 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD5405
Rev. B | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
AD5405
TOP VIEW
(Not to Scale)
1
R1A
2
R2A
3
R2_3A
4
R3A
5
VREFA
6
DGND
7
LDAC
8
DAC A/B
9
NC
10
DB11
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD MUST BE CONNECTED TO GROUND.
30 R1B
29 R2B
28 R2_3B
27 R3B
26 VREFB
25 VDD
24 CLR
23 R/W
22 CS
21 DB0
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 4
R1A, R2B,
R2_3B, R3A
DAC A 4-Quadrant Resistors. Allow a number of configuration modes, including bipolar operation with
minimum of external components.
5, 26
VREFA, VREFB
DAC Reference Voltage Input Terminals.
6
DGND
Digital Ground Pin.
7
LDAC
Load DAC Input. Allows asynchronous or synchronous updates to the DAC output. The DAC is
asynchronously updated when this signal goes low. Alternatively, if this line is held permanently low, an
automatic or synchronous update mode is selected whereby the DAC is updated on the rising edge of CS.
8
DAC A/B
Selects DAC A or B. Low selects DAC A, and high selects DAC B.
9, 34 to 37
NC
Not internally connected.
10 to 21
DB11 to DB0
Parallel Data Bits 11 through 0.
22
CS
Chip Select Input. Active low. Used in conjunction with R/W to load parallel data to the input latch or to
read data from the DAC register. Edge sensitive; when pulled high, the DAC data is latched.
23
R/W
Read/Write. When low, used in conjunction with CS to load parallel data. When high, used in conjunction
with CS to read back contents of DAC register.
24
CLR
Active Low Control Input. Clears DAC output and input and DAC registers.
25
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
27 to 30
R3B, R2_3B,
R2B, R1B
DAC B 4-Quadrant Resistors. Allow a number of configuration modes, including bipolar operation with a
minimum of external components.
31, 40
RFBB, RFBA
External Amplifier Output.
32
IOUT2B
DAC A Analog Ground. This pin typically should be tied to the analog ground of the system, but can be
biased to achieve single-supply operation.
33
IOUT1B
DAC B Current Outputs.
38
IOUT1A
DAC A Current Outputs.
39
IOUT2A
DAC A Analog Ground. This pin typically should be tied to the analog ground of the system, but can be
biased to achieve single-supply operation.
EPAD
Exposed pad must be connected to ground.


Numéro de pièce similaire - AD5447

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5447 AD-AD5447 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5447 AD-AD5447 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5447 AD-AD5447 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5447 AD-AD5447 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5447 AD-AD5447 Datasheet
795Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
More results

Description similaire - AD5447

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5405 AD-AD5405_15 Datasheet
794Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5405 AD-AD5405 Datasheet
925Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. 0
AD5415 AD-AD5415 Datasheet
868Kb / 28P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
REV. 0
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com