Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD711JN Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD711JN
Description  Precision, Low Cost, High Speed, BiFET Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD711JN Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD711JN Datasheet HTML 7Page - Analog Devices AD711JN Datasheet HTML 8Page - Analog Devices AD711JN Datasheet HTML 9Page - Analog Devices AD711JN Datasheet HTML 10Page - Analog Devices AD711JN Datasheet HTML 11Page - Analog Devices AD711JN Datasheet HTML 12Page - Analog Devices AD711JN Datasheet HTML 13Page - Analog Devices AD711JN Datasheet HTML 14Page - Analog Devices AD711JN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. E
AD711
–11–
DRIVING A LARGE CAPACITIVE LOAD
The circuit in Figure 13 employs a 100
W isolation resistor which
enables the amplifier to drive capacitive loads exceeding 1500 pF;
the resistor effectively isolates the high frequency feedback from
the load and stabilizes the circuit. Low frequency feedback is
returned to the amplifier summing junction via the low pass
filter formed by the 100
W series resistor and the load capaci-
tance, CL. Figure 14 shows a typical transient response for
this connection.
RL
INPUT
+VS
–VS
0.1 F
CL
0.1 F
TYPICAL CAPACITANCE
LIMIT FOR VARIOUS
LOAD RESISTORS
RL
CL UP TO
2k
1500pF
10k
1500pF
20k
1000pF
4.99k
AD711
100
30pF
4.99k
OUTPUT
Figure 13. Circuit for Driving a Large Capacitive Load
Figure 14. Transient Response RL = 2 k
W, CL = 500 pF
ACTIVE FILTER APPLICATIONS
In active filter applications using op amps, the dc accuracy of the
amplifier is critical to optimal filter performance. The amplifier’s
offset voltage and bias current contribute to output error. Offset
voltage will be passed by the filter and may be amplified to produce
excessive output offset. For low frequency applications requiring
large value input resistors, bias currents flowing through these
resistors will also generate an offset voltage.
In addition, at higher frequencies, an op amp’s dynamics must
be carefully considered. Here, slew rate, bandwidth, and open-loop
gain play a major role in op amp selection. The slew rate must
be fast as well as symmetrical to minimize distortion. The amplifier’s
bandwidth in conjunction with the filter’s gain will dictate the
frequency response of the filter.
The use of a high performance amplifier such a s the AD711
will minimize both dc and ac errors in all active filter applica-
tions.
SECOND ORDER LOW PASS FILTER
Figure 15 depicts the AD711 configured as a second order
Butterworth low pass filter. With the values as shown, the corner
frequency will be 20 kHz; however, the wide bandwidth of the
AD711 permits a corner frequency as high as several hundred
kilohertz. Equations for component selection are shown below.
R1 = R2 = user selected (typical values: 10 k
W – 100 kW)
(4)
C1
=
1.414
(2
p)( fcutoff)(R1)
, C2
=
0.707
(2
p)( fcutoff)(R1)
(5)
Where:
C1 and C2 are in farads.
VOUT
+15V
–15V
0.1 F
0.1 F
AD711
VIN
C2
280pF
R2
20k
R1
20k
C1
560pF
Figure 15. Second Order Low Pass Filter
An important property of filters is their out-of-band rejection.
The simple 20 kHz low pass filter shown in Figure 15, might be
used to condition a signal contaminated with clock pulses or
sampling glitches which have considerable energy content at
high frequencies.
The low output impedance and high bandwidth of the AD711
minimize high frequency feedthrough as shown in Figure 16.
The upper trace is that of another low-cost BiFET op amp
showing 17 dB more feedthrough at 5 MHz.
Figure 16.
voltage. If the A/D conversion speed is not excessive and the
bandwidth of the amplifier is sufficient, the amplifier’s output
will return to the nominal value before the converter makes its
comparison. However, many amplifiers have relatively narrow
bandwidth yielding slow recovery from output transients. The
AD711 is ideally suited to drive high speed A/D converters since
it offers both wide bandwidth and high open-loop gain.
a. Source Current = 2 mA
b. Sink Current = 1 mA
Figure 12. ADC Input Unity Gain Buffer Recovery Times


Numéro de pièce similaire - AD711JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD711JN AD-AD711JN Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711JN AD-AD711JN Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JN AD-AD711JN Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JN AD-AD711JN Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results

Description similaire - AD711JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com