Moteur de recherche de fiches techniques de composants électroniques |
|
BZX384C62-V Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
BZX384C62-V Fiches technique(HTML) 1 Page - Vishay Siliconix |
1 / 8 page BZX384-V-Series www.vishay.com Vishay Semiconductors Rev. 1.8, 22-Nov-11 1 Document Number: 85764 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Zener Diodes FEATURES • Silicon planar power Zener diodes • The Zener voltages are graded according to the international E 24 standard • Standard Zener voltage tolerance is ± 5 %; replace “C” with “B” for ± 2 % tolerance • AEC-Q101 qualified • Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 2.4 to 75 V Test current IZT 2; 5 mA VZ specification Pulse current Int. construction Single ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY BZX384-V-series BZX384-V-series-GS18 10 000 (8 mm tape on 13" reel) 10 000/box BZX384-V-series BZX384-V-series-GS08 3000 (8 mm tape on 7" reel) 15 000/box PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS SOD-323 4.3 mg UL 94 V-0 MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation Device on fiberglass substrate Ptot 200 mW Junction to ambient air Valid that electrodes are kept at ambient temperature RthJA 650 K/W Junction temperature Tj 150 °C Storage temperature range Tstg - 65 to + 150 °C |
Numéro de pièce similaire - BZX384C62-V |
|
Description similaire - BZX384C62-V |