Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RC5051 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce RC5051
Description  Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5051 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button RC5051 Datasheet HTML 2Page - Fairchild Semiconductor RC5051 Datasheet HTML 3Page - Fairchild Semiconductor RC5051 Datasheet HTML 4Page - Fairchild Semiconductor RC5051 Datasheet HTML 5Page - Fairchild Semiconductor RC5051 Datasheet HTML 6Page - Fairchild Semiconductor RC5051 Datasheet HTML 7Page - Fairchild Semiconductor RC5051 Datasheet HTML 8Page - Fairchild Semiconductor RC5051 Datasheet HTML 9Page - Fairchild Semiconductor RC5051 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RC5051
PRODUCT SPECIFICATION
6
REV. 1.0.4 4/2/01
Typical Operating Characteristics (continued)
Output Ripple, 2.8V @ 14.2A
Time (1
µs/division)
Time (1
µs/division)
Transient Response, 14.2A to 0.8A
Time (1
µs/division)
Transient Response, 0.8A to 14.2A
Time (1
µs/division)
Switching Waveforms, 9A Load
Output Startup, System Power-up
HIDRV
pin
LODRV
pin
Time (2ms/division)
65-5051-12
2.10V
2.00V
1.90V
2.10V
2.00V
1.90V


Numéro de pièce similaire - RC5051

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
RC5050 ETC1-RC5050 Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
RC5050M ETC1-RC5050M Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
logo
Fairchild Semiconductor
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052M FAIRCHILD-RC5052M Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054 FAIRCHILD-RC5054 Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
More results

Description similaire - RC5051

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1156 SEMTECH-SC1156 Datasheet
185Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS?
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
   PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1157 SEMTECH-SC1157 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1153 SEMTECH-SC1153 Datasheet
78Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1152 SEMTECH-SC1152 Datasheet
77Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
logo
Fairchild Semiconductor
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com