Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA682-GS08 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce BA682-GS08
Description  Band Switching Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA682-GS08 Fiches technique(HTML) 2 Page - Vishay Siliconix

  BA682-GS08 Datasheet HTML 1Page - Vishay Siliconix BA682-GS08 Datasheet HTML 2Page - Vishay Siliconix BA682-GS08 Datasheet HTML 3Page - Vishay Siliconix BA682-GS08 Datasheet HTML 4Page - Vishay Siliconix BA682-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85530
Rev. 1.5, 16-Mar-06
BA682 / BA683
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
VR = 20 V
IR
50
nA
Diode capacitance
f = 100 MHz, VR = 1 V
CD
1.5
pF
f = 100 MHz, VR = 3 V
BA682
CD
1.25
pF
BA683
CD
1.2
pF
Differential forward resistance
f = 200 MHz, IF = 3 mA
BA682
rf
0.7
Ω
BA683
rf
1.2
Ω
f = 200 MHz, IF = 10 mA
BA682
rf
0.5
Ω
BA683
rf
0.9
Ω
Figure 1. Differential Forward Resistance vs. Forward Current
Figure 2. Diode Capacitance vs. Reverse Voltage
0.1
1
10
0.1
1
10
100
100
94 9074
BA 683
f = 200 MHz
Tj = 25 °C
BA 682
IF - Forward Current (mA)
0.1
0
0.5
1.0
1.5
2.0
3.0
100
10
94 9075
2.5
V -Reverse Voltage (V)
T
f = 200 MHz
= 25 °C
R
BA 683
BA 682
j
1


Numéro de pièce similaire - BA682-GS08

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BA682 PHILIPS-BA682 Datasheet
31Kb / 5P
   Band-switching diodes
1996 Mar 13
logo
Vishay Siliconix
BA682 VISHAY-BA682 Datasheet
46Kb / 3P
   Silicon Planar Diodes
Rev. 1.5, 16-Mar-06
logo
Semtech Corporation
BA682 SEMTECH-BA682 Datasheet
94Kb / 2P
   Silicon Epitaxial Planar Diode Switches?
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
   Band-switching diodes
More results

Description similaire - BA682-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
   Band Switching Diodes
Rev. 1.6, 16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
   Band Switching Diodes
Rev. 1.6, 05-Aug-10
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
   Band-switching diodes
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
   Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
   Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
   Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
   Band Switching Diodes
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
   Band Switching Diodes
logo
Vishay Siliconix
BA782-V VISHAY-BA782-V Datasheet
63Kb / 3P
   Band Switching Diodes
Rev. 1.4, 05-Aug-10
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
   Band Switching Diodes
Rev. 1.7, 05-Dec-07
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com