Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2904VQPWRQ1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2904VQPWRQ1
Description  DUAL OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2904VQPWRQ1 Fiches technique(HTML) 4 Page - Texas Instruments

  LM2904VQPWRQ1 Datasheet HTML 1Page - Texas Instruments LM2904VQPWRQ1 Datasheet HTML 2Page - Texas Instruments LM2904VQPWRQ1 Datasheet HTML 3Page - Texas Instruments LM2904VQPWRQ1 Datasheet HTML 4Page - Texas Instruments LM2904VQPWRQ1 Datasheet HTML 5Page - Texas Instruments LM2904VQPWRQ1 Datasheet HTML 6Page - Texas Instruments LM2904VQPWRQ1 Datasheet HTML 7Page - Texas Instruments LM2904VQPWRQ1 Datasheet HTML 8Page - Texas Instruments LM2904VQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LM2904-Q1
DUAL OPERATIONAL AMPLIFIER
SLOS414F − MAY 2003 − REVISED APRIL 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA‡
MIN
TYP§
MAX
UNIT
VCC =5Vto
Non A devices
25
°C
3
7
V
Input offset voltage
VCC = 5 V to
MAX,
Non-A devices
Full range
10
mV
VIO
Input offset voltage
MAX,
VIC = VICR(min),
V
14V
A suffix devices
25
°C
1
2
mV
IC
ICR(min)
VO = 1.4 V
A-suffix devices
Full range
4
a
V
IO
Average temperature coefficient of
input offset voltage
Full range
7
µV/°C
Non V devices
25
°C
2
50
I
Input offset current
V
14V
Non-V devices
Full range
300
nA
IIO
Input offset current
VO = 1.4 V
V suffix devices
25
°C
5
50
nA
V-suffix devices
Full range
150
a
I
IO
Average temperature coefficient of
input offset current
Full range
10
pA/
°C
I
Input bias current
V
14V
25
°C
−20
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−500
nA
IB
Drift
Full range
50
pA/
°C
V
Common mode input voltage range
V
5VtoMAX
25
°C
0 to
VCC−1.5
V
VICR
Common-mode input voltage range
VCC = 5 V to MAX
Full range
0 to
VCC−2
V
RL ≥ 10 kΩ
25
°C
VCC−1.5
VCC = MAX,
RL = 2 kΩ
Full range
22
VOH
High-level output voltage
VCC = MAX,
Non-V devices
RL ≥ 10 kΩ
Full range
23
24
V
VOH
High level output voltage
VCC = MAX,
RL = 2 kΩ
Full range
26
V
VCC = MAX,
V-suffix devices
RL ≥ 10 kΩ
Full range
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
mV
A
Large-signal differential
VCC = 15 V, VO = 1 V to 11 V,
25
°C
25
100
V/mV
AVD
Large signal differential
voltage amplification
VCC = 15 V, VO = 1 V to 11 V,
RL = ≥ 2 kΩ
Full range
15
V/mV
CMRR
Common-mode rejection ratio
VCC = 5 V to MAX,
VIC = VICR(min)
25
°C
65
80
dB
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VCC = 5 V to MAX
25
°C
65
100
dB
VO1/VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
dB
V
15 V V
1V V
0
25
°C
−20
−30
VCC = 15 V, VID = 1 V, VO = 0
Full range
−10
mA
IO
Output current
V
15 V V
1V V
15 V
25
°C
10
20
mA
IO
Output current
VCC = 15 V, VID = −1 V, VO = 15 V
Full range
5
VID = −1 V,
VO = 200 mV
25
°C
12
40
µA
IOS
Short-circuit output current
VCC at 5 V, GND at −5 V, VO = 0
25
°C
±40
±60
mA
ICC
Supply current (two amplifiers)
VO = 2.5 V,
No load
Full range
0.7
1.2
mA
ICC
Supply current (two amplifiers)
VCC = MAX, VO = 0.5 VCC, No load
Full range
1
2
mA
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for
testing purposes is 26 V for non-V devices and 32 V for V-suffix devices.
Full range is −40
°C to 125°C for LM2904Q.S
§ All typical values are at TA = 25°C.


Numéro de pièce similaire - LM2904VQPWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2904VQPWRQ1 TI-LM2904VQPWRQ1 Datasheet
199Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904VQPWRQ1 TI-LM2904VQPWRQ1 Datasheet
233Kb / 11P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER
LM2904VQPWRQ1 TI1-LM2904VQPWRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   industry-standard dual operational amplifiers for automotive applications
LM2904VQPWRQ1 TI1-LM2904VQPWRQ1 Datasheet
2Mb / 35P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904VQPWRQ1 TI-LM2904VQPWRQ1 Datasheet
2Mb / 37P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
More results

Description similaire - LM2904VQPWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com