Moteur de recherche de fiches techniques de composants électroniques |
|
FAN6863LTY Fiches technique(PDF) 7 Page - Fairchild Semiconductor |
|
FAN6863LTY Fiches technique(HTML) 7 Page - Fairchild Semiconductor |
7 / 16 page © 2011 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN6863 • Rev. 1.0.1 7 Electrical Characteristics (Continued) VDD = 15V and TA = 25°C, unless otherwise noted. Symbol Parameter Condition Min. Typ. Max. Unit PWM Output Section DCYMAX Maximum Duty Cycle 70 % VOL Output Voltage LOW VDD = 15V, IO = 50mA 1.5 V VOH Output Voltage HIGH VDD = 8V, IO = 50mA 6 V tR Rising Time (with Soft Driving) GATE = 1nF 150 200 ns tF Falling Time GATE = 1nF 35 80 ns VCLAMP Gate Output Clamping Voltage VDD = 20V 12.0 13.5 15.0 V IO-SOURCE Gate Source Driving Capability VDD = 15V 400 mA IO-SINK Gate Sink Driving Capability VDD = 15V 400 mA Over-Temperature Protection (OTP) Section RRT Internal Resistor from RT Pin 10 kΩ VOTP Threshold Voltage for Over-Temperature Protection FAN6863, FAN6863L- Latch, FAN6863R-Auto Restart, at 25°C 0.95 1.00 1.05 V tDOTP Over-Temperature Debounce Time VFB=VFB-N 17 ms VOTP2 Second Threshold Voltage for Over- Temperature Protection FAN6863, FAN6863L- Latch, FAN6863R-Auto Restart, at 25°C 0.65 0.70 0.75 V tDOTP2 Second Over-Temperature Debounce Time 135 µs TOTP Protection Junction Temperature (1) +135 °C TRestart Restart Junction Temperature (2) TOTP- 25 °C Notes : 1. When activated, the output is disabled and the latch is turned off. 2. The threshold temperature for enabling the output again and resetting the latch after OTP has been activated. |
Numéro de pièce similaire - FAN6863LTY |
|
Description similaire - FAN6863LTY |