Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA05P4S14THSG Fiches technique(PDF) 8 Page - EPCOS

No de pièce CA05P4S14THSG
Description  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

CA05P4S14THSG Fiches technique(HTML) 8 Page - EPCOS

Back Button CA05P4S14THSG Datasheet HTML 4Page - EPCOS CA05P4S14THSG Datasheet HTML 5Page - EPCOS CA05P4S14THSG Datasheet HTML 6Page - EPCOS CA05P4S14THSG Datasheet HTML 7Page - EPCOS CA05P4S14THSG Datasheet HTML 8Page - EPCOS CA05P4S14THSG Datasheet HTML 9Page - EPCOS CA05P4S14THSG Datasheet HTML 10Page - EPCOS CA05P4S14THSG Datasheet HTML 11Page - EPCOS CA05P4S14THSG Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Taping and packing
1
Taping and packing for SMD components
1.1
Blister tape (the taping to IEC 60286-3)
Dimensions in mm
8-mm tape
12-mm tape
16-mm tape
Case size (inch/mm)
Case size
(inch/mm)
Case size
(inch/mm)
Tolerance
0508/
1220
0612/
1632
1012/
2532
0603/
1608
0506/
1216
0805/
2012
1206/
3216
1210/
3225
1812/
4532
2220/
5750
3225
4032
A0
0.9
±0.10
1.50
1.60
1.90
2.80
3.50
5.10
7.00
8.60
±0.20
B0
1.75
±0.10
1.80
2.40
3.50
3.50
4.80
6.00
8.70
10.60
±0.20
K0
1.0
0.80
1.80
2.60
5.00
max.
T
0.30
0.30
0.30
max.
T2
1.3
1.20
2.50
3.50
5.50
max.
D0
1.50
1.50
1.50
+0.10/ 0
D1
1.00
1.50
1.50
min.
P0
4.00
4.00
4.00
±0.101)
P2
2.00
2.00
2.00
±0.05
P1
4.00
8.00
12.00
±0.10
W
8.00
12.00
16.00
±0.30
E
1.75
1.75
1.75
±0.10
F
3.50
5.50
7.50
±0.05
G
0.75
0.75
0.75
min.
1)
≤±0.2 mm over 10 sprocket holes.
Multilayer varistors (MLVs)
High-speed series
Page 8 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Numéro de pièce similaire - CA05P4S14THSG

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
CA05P4S17ALCGK2 EPCOS-CA05P4S17ALCGK2 Datasheet
102Kb / 5P
   Multiple elements in one component
More results

Description similaire - CA05P4S14THSG

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com