Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4006BE Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce CD4006BE
Description  CMOS 18-Stage Static Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD4006BE Fiches technique(HTML) 5 Page - Texas Instruments

  CD4006BE Datasheet HTML 1Page - Texas Instruments CD4006BE Datasheet HTML 2Page - Texas Instruments CD4006BE Datasheet HTML 3Page - Texas Instruments CD4006BE Datasheet HTML 4Page - Texas Instruments CD4006BE Datasheet HTML 5Page - Texas Instruments CD4006BE Datasheet HTML 6Page - Texas Instruments CD4006BE Datasheet HTML 7Page - Texas Instruments CD4006BE Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4006BE
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
CD4006BF3A
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2009
Addendum-Page 1


Numéro de pièce similaire - CD4006BE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
   18-Stage Static Shift Register
CD4006BM NSC-CD4006BM Datasheet
112Kb / 6P
   18-Stage Static Shift Register
logo
Intersil Corporation
CD4006BMS INTERSIL-CD4006BMS Datasheet
77Kb / 8P
   CMOS 18-Stage Static Register
December 1992
More results

Description similaire - CD4006BE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
   18-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
   18-stage static shift register
January 1995
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
   18-Stage Static Shift Register
logo
STMicroelectronics
HCF4006B STMICROELECTRONICS-HCF4006B Datasheet
179Kb / 8P
   18-STAGE STATIC SHIFT REGISTER
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
   CMOS 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
CD4021B-Q1 TI1-CD4021B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS 8-STAGE STATIC SHIFT REGISTER
logo
Intersil Corporation
CD4006BMS INTERSIL-CD4006BMS Datasheet
77Kb / 8P
   CMOS 18-Stage Static Register
December 1992
logo
KODENSHI_AUK CORP.
KK4006B KODENSHI-KK4006B Datasheet
339Kb / 7P
   鬼MOS 18-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com