Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC594DR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HC594DR
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC594DR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74HC594DR Datasheet HTML 2Page - Texas Instruments SN74HC594DR Datasheet HTML 3Page - Texas Instruments SN74HC594DR Datasheet HTML 4Page - Texas Instruments SN74HC594DR Datasheet HTML 5Page - Texas Instruments SN74HC594DR Datasheet HTML 6Page - Texas Instruments SN74HC594DR Datasheet HTML 7Page - Texas Instruments SN74HC594DR Datasheet HTML 8Page - Texas Instruments SN74HC594DR Datasheet HTML 9Page - Texas Instruments SN74HC594DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SN54HC594, SN74HC594
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS040F − DECEMBER 1982 − REVISED OCTOBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC594
SN74HC594
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5
3.3
4
fclock
Clock frequency
4.5 V
25
17
20
MHz
fclock
Clock frequency
6 V
29
20
24
MHz
2 V
100
150
125
SRCLK or RCLK high or low
4.5 V
20
30
25
tw
Pulse duration
SRCLK or RCLK high or low
6 V
17
25
21
ns
tw
Pulse duration
2 V
100
150
125
ns
SRCLR or RCLR low
4.5 V
20
30
25
SRCLR or RCLR low
6 V
17
25
21
2 V
90
135
110
SER before SRCLK
4.5 V
18
27
22
SER before SRCLK
6 V
15
23
19
2 V
90
135
110
SRCLK
↑ before RCLK↑†
4.5 V
18
27
22
SRCLK
↑ before RCLK↑†
6 V
15
23
19
2 V
50
75
63
tsu
Setup time
SRCLR low before RCLK
4.5 V
10
15
13
ns
tsu
Setup time
SRCLR low before RCLK
6 V
9
13
11
ns
2 V
20
20
20
SRCLR high (inactive) before SRCLK
4.5 V
10
10
10
SRCLR high (inactive) before SRCLK
6 V
10
10
10
2 V
5
5
5
RCLR high (inactive) before SRCLK
4.5 V
5
5
5
RCLR high (inactive) before SRCLK
6 V
5
5
5
2 V
5
5
5
th
Hold time, SER after SRCLK
4.5 V
5
5
5
ns
th
Hold time, SER after SRCLK
6 V
5
5
5
ns
† This setup time ensures that the output register receives stable data from the shift-register outputs. The clocks may be tied together, in which
case the output register is one clock pulse behind the shift register.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - SN74HC594DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC594DR TI1-SN74HC594DR Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN74HC594DRE4 TI1-SN74HC594DRE4 Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN74HC594DRG4 TI1-SN74HC594DRG4 Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results

Description similaire - SN74HC594DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com