Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1524J80937 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce UC1524J80937
Description  ADVANCED REGULATING PULSE WIDTH MODULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC1524J80937 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button UC1524J80937 Datasheet HTML 3Page - Texas Instruments UC1524J80937 Datasheet HTML 4Page - Texas Instruments UC1524J80937 Datasheet HTML 5Page - Texas Instruments UC1524J80937 Datasheet HTML 6Page - Texas Instruments UC1524J80937 Datasheet HTML 7Page - Texas Instruments UC1524J80937 Datasheet HTML 8Page - Texas Instruments UC1524J80937 Datasheet HTML 9Page - Texas Instruments UC1524J80937 Datasheet HTML 10Page - Texas Instruments UC1524J80937 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
1
2
15
INV INPUT
NON INV INPUT
16
6
VREF
RT
7
3
10
12
11
13
4
5
9
CA
EA
CB
EB
CLSENSE(+)
CLSENSE(−)
COMP
8
GND
+
2N4150
2N4150
20T
20T
5T
5T
CT
SD
OSC OUT
14
5 k
V+
+28 V
VIN
UC1524
1 k
1 W
1 k
1 W
100
100
0.001 mF
500 mF
50 k
0.1 k
1500 mF
5 V
5 A
5 k
2 k
0.1 mF
0.1 mF
5 k
5 k
IS
VIN
Osc. OUT
VREF
VIN
8-40 V
15
3
16
8
6
7
2
1
9
10
4
5
4
11
13
12
2 k
1 W
2 k
1 W
0.1
R1
C1
RAMP
N.I.
INPUT
INV.
INPUT
COMP
SHUT
Down
CURRENT
LIMET
2 k
2 k
10 k
1 k
1 k
10 k
OUTPUT
UC1524
UC1524
UC2524
UC3524
SLUS180E – NOVEMBER 1999 – REVISED OCTOBER 2005
Figure 7. Push-Pull Transformer Coupled Circuit
Figure 8. Open Loop Test Circuit
7


Numéro de pièce similaire - UC1524J80937

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1524J883B TI-UC1524J883B Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
More results

Description similaire - UC1524J80937

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524 TI-UC1524 Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A Datasheet
365Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com