Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2330IPWR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2330IPWR
Description  SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2330IPWR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2330IPWR Datasheet HTML 1Page - Texas Instruments TPS2330IPWR Datasheet HTML 2Page - Texas Instruments TPS2330IPWR Datasheet HTML 3Page - Texas Instruments TPS2330IPWR Datasheet HTML 4Page - Texas Instruments TPS2330IPWR Datasheet HTML 5Page - Texas Instruments TPS2330IPWR Datasheet HTML 6Page - Texas Instruments TPS2330IPWR Datasheet HTML 7Page - Texas Instruments TPS2330IPWR Datasheet HTML 8Page - Texas Instruments TPS2330IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
1 V
I
O_0V * IO_1V
(2)
Test IO of ENABLE at VI( ENABLE ) = 1 V and 0 V, then RI( ENABLE ) =
TPS2330
TPS2331
www.ti.com
SLVS277G – MARCH 2000 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS
over recommended operating temperature range (–40°C < TA < 85°C), 3V ≤ VI(IN1) ≤13 V, 3 V ≤ VI(IN2) ≤ 5.5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
VI(ENABLE) = 5 V (TPS2331),
II(IN)
Input current, IN
0.5
1
mA
VI( ENABLE ) = 0 V (TPS2330)
Standby current (sum of currents into
VI(ENABLE) = 0 V (TPS2331),
II(stby)
5
μA
IN, ISENSE, and ISET)
VI( ENABLE ) = 5 V (TPS2330)
GATE
VG(GATE_3V)
VI(IN) = 3 V
9
11.5
VG(GATE_4.5V)
Gate voltage
II(GATE) = 500 nA, DISCH open
VI(IN) = 4.5 V
10.5
14.5
V
VG(GATE_10.8V)
VI(IN) = 10.8 V
16.8
21
VC(GATE)
Clamping voltage, GATE to DISCH
9
10
12
V
3 V
≤ VI(IN) ≤ 13.2 V, 3 V ≤ VO(VREG) ≤ 5.5 V,
IS(GATE)
Source current, GATE
10
14
20
μA
VI(GATE) = VI(IN) + 6 V
3 V
≤ VI(IN) ≤ 13.2 V, 3 V ≤ VO(VREG) ≤ 5.5 V,
Sink current, GATE
50
75
100
μA
VI(GATE) = VI(IN)
VI(IN) = 3 V
0.5
tr(GATE)
Rise time, GATE
Cg to GND = 1 nF
(1)
VI(IN) = 4.5 V
0.6
ms
VI(IN) = 10.8 V
1
VI(IN) = 3 V
0.1
tf(GATE)
Fall time, GATE
Cg to GND = 1 nF
(1)
VI(IN) = 4.5 V
0.12
ms
VI(IN) = 10.8 V
0.2
TIMER
V(TO_TIMER)
Threshold voltage, TIMER
0.4
0.5
0.6
V
Charge current, TIMER
VI(TIMER) = 0 V
35
50
65
μA
Discharge current, TIMER
VI(TIMER) = 1 V
1
2.5
mA
CIRCUIT BREAKER
RISET = 1 kΩ
40
50
60
RISET = 400 Ω, TA = 25°C
14
19
24
VIT(CB)
Threshold voltage, circuit breaker
mV
RISET = 1 kΩ, TA = 25°C
44
50
53
RISET = 1.5 kΩ, TA = 25°C
68
73
78
I(IB_ISENSE)
Input bias current, ISENSE
0.1
5
μA
VO(GATE) = 4 V
400
800
Discharge current, GATE
mA
VO(GATE) = 1 V
25
150
Propagation (delay) time, comparator
Cg = 50 pF,
10-mV overdrive,
tpd(CB)
1.3
μs
inputs to gate output
(50% to 10%),
CTIMER = 50 pF
ENABLE, ACTIVE LOW (TPS2330)
VIH( ENABLE )
High-level input voltage, ENABLE
2
V
VIL( ENABLE )
Low-level input voltage, ENABLE
0.8
V
RI( ENABLE )
Input pullup resistance, ENABLE
See (2)
100
200
300
k
VI( ENABLE ) increasing above stop threshold;
td(off_ ENABLE )
Turnoff delay time, ENABLE
60
μs
100 ns rise time, 20 mV overdrive(1)
VI( ENABLE ) decreasing below start threshold;
td(on_ ENABLE )
Turnon delay time, ENABLE
125
μs
100 ns fall time, 20 mV overdrive(1)
(1)
Specified, but not production tested.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2330 TPS2331


Numéro de pièce similaire - TPS2330IPWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2330IPW TI-TPS2330IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2330IPW TI-TPS2330IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Description similaire - TPS2330IPWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com