Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40070 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40070
Description  HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40070 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS40070 Datasheet HTML 4Page - Texas Instruments TPS40070 Datasheet HTML 5Page - Texas Instruments TPS40070 Datasheet HTML 6Page - Texas Instruments TPS40070 Datasheet HTML 7Page - Texas Instruments TPS40070 Datasheet HTML 8Page - Texas Instruments TPS40070 Datasheet HTML 9Page - Texas Instruments TPS40070 Datasheet HTML 10Page - Texas Instruments TPS40070 Datasheet HTML 11Page - Texas Instruments TPS40070 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
C u
V
IN * 8 V
R
SR
(1)
R t
0.2 V
f
SW
Q
g(TOT) ) IDD
(2)
SETTING THE SWITCHING FREQUENCY (PROGRAMMING THE CLOCK OSCILLATOR)
R
T +
1
f
SW(kHz)
17.82
10*6
* 23
kW
(3)
100
1.5
0.5
1000
200
300
400 500
600
700
800 900
1.0
3.0
2.0
2.5
4.5
3.5
4.0
5.0
MINIMUM OUTPUT VOLTAGE
vs
FREQUENCY
fOSC - Oscillator Frequency - kHz
VIN = 28 V
VIN = 24 V
VIN = 18 V
VIN = 15 V
VIN = 12 V
VIN = 10 V
VIN = 8 V
VIN = 5 V
fSW - Switching Frequency - kHz
SWITCHING FREQUENCY
vs
TIMING RESISTANCE
0
100
0
200
400
600
800
1000
200
300
400
500
600
PROGRAMMING THE RAMP GENERATOR CIRCUIT AND UVLO
TPS40070
TPS40071
SLUS582J – DECEMBER 2003 – REVISED APRIL 2009 .................................................................................................................................................. www.ti.com
where
• V
VIN is the final value of the input voltage ramp
• f
SW is the switching frequency
• Q
g(TOT) is the combined total gate charge for both upper and lower MOSFETs (from MOSFET data sheet)
• I
DD is the TPS4007x input current (3.5 mA maximum)
• SR is the maximum allowed slew rate [12×104] (V/s)
The TPS4007x has independent clock oscillator and PWM ramp generator circuits. The clock oscillator serves as
the master clock to the ramp generator circuit. Connecting a single resistor from RT to ground sets the switching
frequency of the clock oscillator. The clock frequency is related to RT by:
Figure 2.
Figure 3.
The ramp generator circuit provides the actual ramp used by the PWM comparator. The ramp generator provides
voltage feed-forward control by varying the PWM ramp slope with line voltage, while maintaining a constant ramp
magnitude. Varying the PWM ramp directly with line voltage provides excellent response to line variations since
the PWM does not have to wait for loop delays before changing the duty cycle. (See Figure 9).
The PWM ramp must reach approximately 1 V in amplitude during a clock cycle, or the PWM is not allowed to
start. The PWM ramp time is programmed via a single resistor (RKFF) connected from KFF VDD. RKFF , VSTART
and RT are related by (approximately):
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS40070 TPS40071


Numéro de pièce similaire - TPS40070

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070PWP TI-TPS40070PWP Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Description similaire - TPS40070

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com