Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP275AIDGKRG4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP275AIDGKRG4
Description  0.5 C Digital Out Temperature Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP275AIDGKRG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TMP275AIDGKRG4 Datasheet HTML 5Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 6Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 7Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 8Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 9Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 10Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 11Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 12Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TMP275
SBOS363D − JUNE 2006 − REVISED AUGUST 2007
www.ti.com
9
its ALERT pin will become inactive at the completion of the
SMBus Alert command. If the TMP275 loses the
arbitration, its ALERT pin will remain active.
GENERAL CALL
The TMP275 responds to a Two-Wire General Call
address (0000000) if the eighth bit is 0. The device
acknowledges the General Call address and responds to
commands in the second byte. If the second byte is
00000100, the TMP275 latches the status of the address
pins, but does not reset. If the second byte is 00000110,
the TMP275 latches the status of the address pins and
resets the internal registers to the power-up values.
HIGH-SPEED MODE
In order for the Two-Wire bus to operate at frequencies
above 400kHz, the master device must issue an Hs-mode
master code (00001XXX) as the first byte after a START
condition to switch the bus to high-speed operation. The
TMP275 will not acknowledge this byte, but will switch its
input filters on SDA and SCL and its output filters on SDA
to operate in Hs-mode, allowing transfers at up to 3.4MHz.
After the Hs-mode master code has been issued, the
master transmits a Two-Wire slave address to initiate a
data transfer operation. The bus continues to operate in
Hs-mode until a STOP condition occurs on the bus. Upon
receiving the STOP condition, the TMP275 switches the
input and output filters back to fast-mode operation.
TIMEOUT FUNCTION
The TMP275 resets the serial interface if either SCL or
SDA is held LOW for 54ms (typ) between a START and
STOP condition. The TMP275 releases the bus if it is
pulled LOW and waits for a START condition. To avoid
activating the timeout function, it is necessary to maintain
a communication speed of at least 1kHz for SCL operating
frequency.
TIMING DIAGRAMS
The TMP275 is Two-Wire and SMBus-compatible.
Figure 4 to Figure 7 describe the various operations on the
TMP275. Bus definitions are given below. Parameters for
Figure 4 are defined in Table 12.
Bus Idle: Both SDA and SCL lines remain HIGH.
Start Data Transfer: A change in the state of the SDA line,
from HIGH to LOW, while the SCL line is HIGH, defines a
START condition. Each data transfer is initiated with a
START condition.
Stop Data Transfer: A change in the state of the SDA line
from LOW to HIGH while the SCL line is HIGH defines a
STOP condition. Each data transfer is terminated with a
repeated START or STOP condition.
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not limited and
is determined by the master device. The receiver
acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed,
is obliged to generate an Acknowledge bit. A device that
acknowledges must pull down the SDA line during the
Acknowledge clock pulse in such a way that the SDA line
is stable LOW during the HIGH period of the Acknowledge
clock pulse. Setup and hold times must be taken into
account. On a master receive, the termination of the data
transfer can be signaled by the master generating a
Not-Acknowledge on the last byte that has been
transmitted by the slave.
PARAMETER
FAST MODE
HIGH-SPEED MODE
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCL Operating Frequency
f(SCL)
0.001
0.4
0.001
3.4
MHz
Bus Free Time Between STOP and START Condition
t(BUF)
600
160
ns
Hold time after repeated START condition.
After this period, the first clock is generated.
t(HDSTA)
100
100
ns
Repeated START Condition Setup Time
t(SUSTA)
100
100
ns
STOP Condition Setup Time
t(SUSTO)
100
100
ns
Data Hold Time
t(HDDAT)
0
0
ns
Data Setup Time
t(SUDAT)
100
10
ns
SCL Clock LOW Period
t(LOW)
1300
160
ns
SCL Clock HIGH Period
t(HIGH)
600
60
ns
Clock/Data Fall Time
tF
300
160
ns
Clock/Data Rise Time
tR
300
160
ns
for SCLK
≤ 100kHz
tR
1000
ns
Table 12. Timing Diagram Definitions for the TMP275


Numéro de pièce similaire - TMP275AIDGKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

Description similaire - TMP275AIDGKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
   I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
   ±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
Analog Devices
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com