Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC272BIP Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC272BIP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC272BIP Fiches technique(HTML) 1 Page - Texas Instruments

  TLC272BIP Datasheet HTML 1Page - Texas Instruments TLC272BIP Datasheet HTML 2Page - Texas Instruments TLC272BIP Datasheet HTML 3Page - Texas Instruments TLC272BIP Datasheet HTML 4Page - Texas Instruments TLC272BIP Datasheet HTML 5Page - Texas Instruments TLC272BIP Datasheet HTML 6Page - Texas Instruments TLC272BIP Datasheet HTML 7Page - Texas Instruments TLC272BIP Datasheet HTML 8Page - Texas Instruments TLC272BIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Trimmed Offset Voltage:
TLC277 . . . 500
µV Max at 25°C,
VDD = 5 V
D Input Offset Voltage Drift ...Typically
0.1
µV/Month, Including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Range:
0
°C to 70°C...3 V to 16 V
–40
°C to 85°C...4 V to 16 V
–55
°C to 125°C...4 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix types)
D Low Noise ...Typically 25 nV/√Hz at
f = 1 kHz
D Output Voltage Range Includes Negative
Rail
D High Input impedance ...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up Immunity
description
The
TLC272
and
TLC277
precision
dual
operational amplifiers combine a wide range of
input offset voltage grades with low offset voltage
drift, high input impedance, low noise, and speeds
approaching those of general-purpose BiFET
devices.
These devices use Texas Instruments silicon-
gate LinCMOS
 technology, which provides
offset voltage stability far exceeding the stability
available with conventional metal-gate pro-
cesses.
The extremely high input impedance, low bias
currents, and high slew rates make these cost-
effective devices ideal for applications previously
reserved for BiFET and NFET products. Four
offset voltage grades are available (C-suffix and
I-suffix types), ranging from the low-cost TLC272
(10 mV) to the high-precision TLC277 (500
µV).
These advantages, in combination with good
common-mode rejection and supply voltage
rejection, make these devices a good choice for
new state-of-the-art designs as well as for
upgrading existing designs.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VDD
2OUT
2IN –
2IN +
D, JG, P, OR PW PACKAGE
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN +
NC
FK PACKAGE
(TOP VIEW)
NC – No internal connection
P Package
TA = 25°C
25
20
15
10
5
400
0
– 400
0
800
30
VIO – Input Offset Voltage – µV
– 800
DISTRIBUTION OF TLC277
INPUT OFFSET VOLTAGE
473 Units Tested From 2 Wafer Lots
VDD = 5 V
(TOP VIEW)
LinCMOS is a trademark of Texas Instruments.


Numéro de pièce similaire - TLC272BIP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC272BIP TI-TLC272BIP Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BIP TI1-TLC272BIP Datasheet
1Mb / 53P
[Old version datasheet]   PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BIP TI-TLC272BIP Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Description similaire - TLC272BIP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
[Old version datasheet]   LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2ACDRG4 TI1-TLC27M2ACDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CPWR TI-TLC272CPWR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCDR TI-TLC272BCDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com