Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C552AFNR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL16C552AFNR
Description  DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL16C552AFNR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TL16C552AFNR Datasheet HTML 3Page - Texas Instruments TL16C552AFNR Datasheet HTML 4Page - Texas Instruments TL16C552AFNR Datasheet HTML 5Page - Texas Instruments TL16C552AFNR Datasheet HTML 6Page - Texas Instruments TL16C552AFNR Datasheet HTML 7Page - Texas Instruments TL16C552AFNR Datasheet HTML 8Page - Texas Instruments TL16C552AFNR Datasheet HTML 9Page - Texas Instruments TL16C552AFNR Datasheet HTML 10Page - Texas Instruments TL16C552AFNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TL16C552A, TL16C552AM
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS189D – NOVEMBER 1994 – REVISED JANUARY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5
5.25
V
Clock high-level input voltage, VIH(CLK)
2
VDD
V
Clock low-level input voltage, VIL(CLK)
0
0.8
V
High-level input voltage, VIH
2
VDD
V
Low-level input voltage, VIL
0
0.8
V
Clock frequency, fclock
16
MHz
Operating free air temperature TA
I suffix
–40
85
°C
Operating free-air temperature, TA
M suffix
–55
125
°C
package thermal characteristics
PARAMETER
TEST CONDITIONS
FN Package
HV Package
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
R
θJA
Junction-to-ambient thermal impedance
Board mounted, no air flow
52
74
°C/W
R
θJC Junction-to-case thermal impedance
14
3
°C/W
TJ
Junction temperature
115
150
°C/W
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = – 12 mA for PD0 – PD7,
IOH = – 4 mA for all other outputs (see Note 2),
2.4
V
VOL
Low-level output voltage
IOL = 12 mA for PD0 – PD7,
IOL = 12 mA for INIT, AFD, STB, and SLIN,
IOL = 4 mA for all other outputs
0.4
V
II
Input current
VDD = 5.25 V (see Note 3),
All other terminals are floating
±10
µA
II(CLK)
Clock input current
VI = 0 to 5.25 V
±10
µA
VDD =5 25 V
VO = 0 with chip deselected or
IOZ
High-impedance output current
VDD = 5.25 V,
VO = 0 with chi deselected or
VO 5 25 V with chip and write mode selected (see Note 2)
±20
µA
IOZ
High im edance out ut current
VO = 5.25 V with chip and write mode selected (see Note 2)
±20
µA
V
5 25 V
No loads on outputs
IDD
Supply current
VDD = 5.25 V,
No loads on outputs,
50
mA
IDD
Supply current
DD
Inputs at 0 8Vor2V
fclock = 8 MHz
50
mA
In uts at 0.8 V or 2 V,
fclock = 8 MHz
NOTES:
2. Excluding INIT, AFD, STB, and SLIN. They are open-drain terminals with an internal pullup resistor to VDD of approximately 10 KΩ.
3. Excluding the TRI input terminal. It contains an internal pulldown resistor of approximately 5 k
Ω.
clock timing requirements over recommended ranges of operating free-air temperature and supply
voltage
MIN
MAX
UNIT
tw1
Pulse duration, CLK
↑ (external clock) (see Figure 1)
31
ns
tw2
Pulse duration, CLK
↓ (external clock) (see Figure 1)
31
ns
tw3
Pulse duration, RESET
1000
ns


Numéro de pièce similaire - TL16C552AFNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C552AFN TI-TL16C552AFN Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
More results

Description similaire - TL16C552AFNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com