Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD73311LARU Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD73311LARU
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD73311LARU Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD73311LARU Datasheet HTML 6Page - Analog Devices AD73311LARU Datasheet HTML 7Page - Analog Devices AD73311LARU Datasheet HTML 8Page - Analog Devices AD73311LARU Datasheet HTML 9Page - Analog Devices AD73311LARU Datasheet HTML 10Page - Analog Devices AD73311LARU Datasheet HTML 11Page - Analog Devices AD73311LARU Datasheet HTML 12Page - Analog Devices AD73311LARU Datasheet HTML 13Page - Analog Devices AD73311LARU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
REV. A
AD73311L
–10–
FB = 4kHz
FSINIT = DMCLK/8
a. Analog Antialias Filter Transfer Function
FB = 4kHz
FSINIT = DMCLK/8
SIGNAL TRANSFER FUNCTION
NOISE TRANSFER FUNCTION
b. Analog Sigma-Delta Modulator Transfer Function
FB = 4kHz FSINTER = DMCLK/256
c. Digital Decimator Transfer Function
FB = 4kHz FSFINAL = 8kHz FSINTER = DMCLK/256
d. Final Filter LPF (HPF) Transfer Function
Figure 7. AD73311L ADC Frequency Responses
Decimation Filter
The digital filter used in the AD73311L carries out two impor-
tant functions. Firstly, it removes the out-of-band quantization
noise, which is shaped by the analog modulator and secondly, it
decimates the high frequency bitstream to a lower rate 15-bit word.
The antialiasing decimation filter is a sinc-cubed digital filter
that reduces the sampling rate from DMCLK/8 at the modula-
tor to an output rate at the SPORT of DMCLK/M (where M
depends on the sample rate setting—M = 256 @ 64 kHz; M =
512 @ 32 kHz, M = 1024 @ 16 kHz, M = 2048 @ 8 kHz), and
increases the resolution from a single bit to 15 bits. Its Z trans-
form is given as: [(1–Z
–N)/(1–Z–1)]3 where N is determined by
the sampling rate (N = 32 @ 64 kHz, N = 64 @ 32 kHz, N =
128 @ 16 kHz, N = 256 @ 8 kHz). This ensures a minimal
group delay of 25
µs at the 64 kHz sampling rate.
ADC Coding
The ADC coding scheme is in twos complement format (see
Figure 8). The output words are formed by the decimation
filter, which grows the word length from the single-bit output of
the sigma-delta modulator to a 15-bit word, which is the 16-bit
transfer being used as a flag bit to indicate either control or data
in the frame.
VINN
VINP
VREF + (VREF
0.32875)
VREF
VREF – (VREF
0.32875)
10...00
00...00
01...11
ADC CODE DIFFERENTIAL
VINN
VINP
VREF + (VREF
0.6575)
VREF
VREF – (VREF
0.6575)
10...00
00...00
01...11
ADC CODE SINGLE-ENDED
ANALOG
INPUT
ANALOG
INPUT
Figure 8. ADC Transfer Function
Decoder Channel
The decoder channel consists of a digital interpolator, digital
sigma-delta modulator, a single bit digital-to-analog converter
(DAC), an analog smoothing filter and a programmable gain
amplifier with differential output.
DAC Coding
The DAC coding scheme is in twos complement format with
0x7FFF being full-scale positive and 0x8000 being full-scale
negative.
Interpolation Filter
The anti-imaging interpolation filter is a sinc-cubed digital filter
which up-samples the 16-bit input words from the SPORT
input rate of DMCLK/M (where M depends on the sample rate
setting—M = 256 @ 64 kHz; M = 512 @ 32 kHz, M = 1024 @
16 kHz, M = 2048 @ 8 kHz), to a rate of DMCLK/8 while
filtering to attenuate images produced by the interpolation pro-
cess. Its Z transform is given as: [(1–Z
–N)/(1–Z–1)]3 where N is
determined by the sampling rate (N = 32 @ 64 kHz, N = 64 @
32 kHz, N = 128 @ 16 kHz, N = 256 @ 8 kHz). The DAC
receives 16-bit samples from the host DSP processor at a rate of
DMCLK/M. If the host processor fails to write a new value to
the serial port, the existing (previous) data is read again. The
data stream is filtered by the anti-imaging interpolation filter,
but there is an option to bypass the interpolator for the mini-
mum group delay configuration by setting the IBYP bit (CRE:5) of
Control Register E. The interpolation filter has the same charac-
teristics as the ADC’s antialiasing decimation filter.


Numéro de pièce similaire - AD73311LARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73311LARU AD-AD73311LARU Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results

Description similaire - AD73311LARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com