Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8187ARUZ-REEL7 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8187ARUZ-REEL7
Description  480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8187ARUZ-REEL7 Fiches technique(HTML) 1 Page - Analog Devices

  AD8187ARUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8187ARUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8187ARUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8187ARUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8187ARUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8187ARUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8187ARUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8187ARUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8187ARUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. A
a
AD8186/AD8187
480 MHz Single-Supply (5 V)
Triple 2:1 Multiplexers
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Fully Buffered Inputs and Outputs
Fast Channel-to-Channel Switching: 4 ns
Single-Supply Operation (5 V)
High Speed:
480 MHz Bandwidth (–3 dB) 2 V p-p
>1600 V/ s (G = +1)
>1500 V/ s (G = +2)
Fast Settling Time of 7 ns to 0.1%
Low Current: 19 mA/20 mA
Excellent Video Specifications (RL = 150
)
0.05% Differential Gain Error
0.05 Differential Phase Error
Low Glitch
All Hostile Crosstalk
–84 dB @ 5 MHz
–52 dB @ 100 MHz
High Off Isolation of –95 dB @ 5 MHz
Low Cost
Fast, High Impedance Disable Feature for Connecting
Multiple Outputs
Logic-Shifted Outputs
APPLICATIONS
Switching RGB in LCD and Plasma Displays
RGB Video Switchers and Routers
FUNCTIONAL BLOCK DIAGRAM
IN0A
DGND
VREF
OUT 0
OUT 1
OUT 2
IN1A
IN2A
IN2B
IN1B
IN0B
VCC
VEE
VEE
VEE
VCC
OE
SEL A/
B
VEE
VCC
VCC
VCC
VEE
DVCC
LOGIC
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD8186/AD8187
0
1
2
SELECT
ENABLE
Table I. Truth Table
SEL A/
B
OE
OUT
00
High Z
10
High Z
11
IN A
01
IN B
GENERAL DESCRIPTION
The AD8186 (G = +1) and AD8187 (G = +2) are high speed,
single-supply, triple 2-to-1 multiplexers. They offer –3 dB large signal
bandwidth of over 480 MHz along with a slew rate in excess of
1500 V/
µs. With better than –80 dB of all hostile crosstalk and
–95 dB OFF isolation, they are suited for many high speed appli-
cations. The differential gain and differential phase error of 0.05%
and 0.05
°, along with 0.1 dB flatness to 85 MHz, make the
AD8186 and AD8187 ideal for professional and component video
multiplexing. They offer 4 ns switching time, making them an
excellent choice for switching video signals while consuming less
than 20 mA on a single 5 V supply (100 mW). Both devices have a
high speed disable feature that sets the outputs into a high
impedance state. This allows the building of larger input arrays
while minimizing OFF channel output loading. The devices are
offered in a 24-lead TSSOP package.
TIME (ns)
05
10
6.0
5.5
2.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
–0.5
–1.0
3.5
4.0
2.0
1.5
1.0
INPUT
OUTPUT
15
20
5.0
25
Figure 1. AD8187 Video Amplitude Pulse
Response, VOUT = 1.4 V p-p, RL = 150


Numéro de pièce similaire - AD8187ARUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8187ARU AD-AD8187ARU Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU AD-AD8187ARU Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL AD-AD8187ARU-REEL Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL AD-AD8187ARU-REEL Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL7 AD-AD8187ARU-REEL7 Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

Description similaire - AD8187ARUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186 Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com