Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7711AR-REEL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7711AR-REEL7
Description  LC2MOS Signal Conditioning ADC with RTD Excitation Currents
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7711AR-REEL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7711AR-REEL7 Datasheet HTML 6Page - Analog Devices AD7711AR-REEL7 Datasheet HTML 7Page - Analog Devices AD7711AR-REEL7 Datasheet HTML 8Page - Analog Devices AD7711AR-REEL7 Datasheet HTML 9Page - Analog Devices AD7711AR-REEL7 Datasheet HTML 10Page - Analog Devices AD7711AR-REEL7 Datasheet HTML 11Page - Analog Devices AD7711AR-REEL7 Datasheet HTML 12Page - Analog Devices AD7711AR-REEL7 Datasheet HTML 13Page - Analog Devices AD7711AR-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. G
–10–
AD7711
PGA Gain
G2
Gl
G0
Gain
000
1(Default Condition after the Internal Power-On Reset)
001
2
010
4
011
8
100
16
101
32
110
64
111
128
CHANNEL SELECTION
CH
Channel
0
AIN1
(Default Condition after Internal Power-On Reset)
1
AIN2
Power-Down
PD
0Normal Operation
(Default Condition after Internal Power-On Reset)
1
Power-Down
Word Length
WL
Output Word Length
0
16-bit
(Default Condition after Internal Power-On Reset)
1
24-bit
RTD Excitation Current
IO
0Off
(Default Condition after Internal Power-On Reset)
1On
Burnout Current
BO
0Off
(Default Condition after Internal Power-On Reset)
1On
Bipolar/Unipolar Selection (Both Inputs)
B/U
0
Bipolar
(Default Condition after Internal Power-On Reset)
1
Unipolar
FILTER SELECTION (FS11–FS0)
The on-chip digital filter provides a sinc
3(or (sinx/x)3) filter
response. The 12 bits of data programmed into these bits deter-
mine the filter cutoff frequency, the position of the first notch of
the filter and the data rate for the part. In association with the
gain selection, it also determines the output noise (and therefore
the effective resolution) of the device.
The first notch of the filter occurs at a frequency determined by
the relationship: filter first notch frequency = (fCLK IN/512)/code
where code is the decimal equivalent of the code in bits FS0 to
FS11 and is in the range 19 to 2,000. With the nominal fCLK IN
of 10 MHz, this results in a first notch frequency range from
9.76 Hz to 1.028 kHz. To ensure correct operation of the
AD7711, the value of the code loaded to these bits must be
within this range. Failure to do this will result in unspecified
operation of the device.
Changing the filter notch frequency, as well as the selected gain,
impacts resolution. Tables I and II and Figure 2 show the effect
of the filter notch frequency and gain on the effective resolution
of the AD7711. The output data rate (or effective conversion
time) for the device is equal to the frequency selected for the
first notch of the filter. For example, if the first notch of the
filter is selected at 50 Hz, a new word is available at a 50 Hz rate
or every 20 ms. If the first notch is at 1 kHz, a new word is avail-
able every 1 ms.
The settling time of the filter to a full-scale step input change
is worst case 4
¥ 1/(output data rate). This settling time is to
100% of the final value. For example, with the first filter notch
at 50 Hz, the settling time of the filter to a full-scale step input
change is 80 ms max. If the first notch is at 1 kHz, the settling
time of the filter to a full-scale input step is 4 ms max. This
settling time can be reduced to 3
¥ 1/(output data rate) by syn-
chronizing the step input change to a reset of the digital filter. In
other words, if the step input takes place with
SYNC low, the
settling time is 3
¥ 1/(output data rate). If a change of channels
takes place, the settling time is 3
¥ 1/(output data rate) regard-
less of the
SYNC input.
The –3 dB frequency is determined by the programmed first
notch frequency according to the relationship:
filter –3 dB frequency = 0.262
¥ first notch frequency.


Numéro de pièce similaire - AD7711AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7711AR-REEL7 AD-AD7711AR-REEL7 Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
More results

Description similaire - AD7711AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7711 AD-AD7711 Datasheet
242Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. F
AD7711ANZ AD-AD7711ANZ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711A AD-AD7711A Datasheet
222Kb / 27P
   LC2MOS Signal Conditioning ADC with RTD Current Source
REV. C
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ARZ AD-AD7712ARZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com