Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5300BRMZ Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD5300BRMZ
Description  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5300BRMZ Fiches technique(HTML) 1 Page - Analog Devices

  AD5300BRMZ Datasheet HTML 1Page - Analog Devices AD5300BRMZ Datasheet HTML 2Page - Analog Devices AD5300BRMZ Datasheet HTML 3Page - Analog Devices AD5300BRMZ Datasheet HTML 4Page - Analog Devices AD5300BRMZ Datasheet HTML 5Page - Analog Devices AD5300BRMZ Datasheet HTML 6Page - Analog Devices AD5300BRMZ Datasheet HTML 7Page - Analog Devices AD5300BRMZ Datasheet HTML 8Page - Analog Devices AD5300BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2.7 V to 5.5 V, 140 μA, Rail-to-Rail Output
8-Bit DAC in a SOT-23
AD5300
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Single 8-Bit DAC
6-Lead SOT-23 and 8-Lead MSOP Packages
Micropower Operation: 140 μA @ 5 V
Power-Down to 200 nA @ 5 V, 50 nA @ 3 V
2.7 V to 5.5 V Power Supply
Guaranteed Monotonic by Design
Reference Derived from Power Supply
Power-On Reset to 0 V
3 Power-Down Functions
Low Power Serial Interface with Schmitt-Triggered Inputs
On-Chip Output Buffer Amplifier, Rail-to-Rail Operation
SYNC Interrupt Facility
Qualified for automotive applications
APPLICATIONS
Portable Battery-Powered Instruments
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
Programmable Attenuators
FUNCTIONAL BLOCK DIAGRAM
AD5300
GND
SYNC SCLK DIN
VDD
VOUT
OUTPUT
BUFFER
8-BIT
DAC
REF (+) REF (–)
POWER-ON
RESET
DAC
REGISTER
INPUT
CONTROL
LOGIC
POWER-DOWN
CONTROL LOGIC
RESISTOR
NETWORK
GENERAL DESCRIPTION
The AD5300 is a single, 8-bit buffered voltage output DAC that
operates from a single 2.7 V to 5.5 V supply, consuming 115 μA
at 3 V. Its on-chip precision output amplifier allows rail-to-rail
output swing to be achieved. The AD5300 uses a versatile 3-wire
serial interface that operates at clock rates up to 30 MHz and is
compatible with standard SPI®, QSPI™, MICROWIRE™, and
DSP interface standards.
The reference for the AD53001 is derived from the power supply
inputs and thus gives the widest dynamic output range. The part
incorporates a power-on reset circuit that ensures that the DAC
output powers up to 0 V and remains there until a valid write takes
place to the device. The part contains a power-down feature that
reduces the current consumption of the device to 200 nA at 5 V
and provides software selectable output loads while in power-
down mode. The part is put into power-down mode over the
serial interface.
The low power consumption of this part in normal operation
makes it ideally suited to portable battery-operated equipment.
The power consumption is 0.7 mW at 5 V, reducing to 1 μW in
power-down mode.
The AD5300 is one of a family of pin-compatible DACs. The
AD5310 is the 10-bit version, and the AD5320 is the 12-bit
version. The AD5300/AD5310/AD5320 are available in 6-lead
SOT-23 packages and 8-lead MSOP packages.
PRODUCT HIGHLIGHTS
1.
Available in 6-lead SOT-23 and 8-lead MSOP packages.
2.
Low power, single-supply operation. This part operates from a
single 2.7 V to 5.5 V supply and typically consumes 0.35 mW
at 3 V and 0.7 mW at 5 V, making it ideal for battery-powered
applications.
3.
The on-chip output buffer amplifier allows the output of
the DAC to swing rail-to-rail with a slew rate of 1 V/μs.
4.
Reference derived from the power supply.
5.
High speed serial interface with clock speeds up to 30 MHz.
Designed for very low power consumption. The interface
powers up only during a write cycle.
6.
Power-down capability. When powered down, the DAC
typically consumes 50 nA at 3 V and 200 nA at 5 V.
1 Patent pending; protected by U.S. Patent No. 5684481.


Numéro de pièce similaire - AD5300BRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5300BRM AD-AD5300BRM Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL AD-AD5300BRM-REEL Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL7 AD-AD5300BRM-REEL7 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
More results

Description similaire - AD5300BRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com