Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5247BKSZ100-2RL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5247BKSZ100-2RL7
Description  128-Position I2C-Compatible Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5247BKSZ100-2RL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5247BKSZ100-2RL7 Datasheet HTML 6Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 7Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 8Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 9Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 10Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 11Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 12Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 13Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5247
Data Sheet
Rev. F | Page 10 of 20
–100
–80
–60
–40
–20
0
20
40
60
80
100
1
10
19
28
37
46
55
64
73
82
91 100 109 118 127
CODE (Decimal)
2.7V
5V
VA = VDD
RAB = 10kΩ
Figure 16. ∆VWB/∆T vs. Code
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
0x40
1k
–48
0x20
0x10
0x08
0x04
0x02
0x01
FREQUENCY (Hz)
Figure 17. Gain vs. Frequency vs. Code, RAB = 5 kΩ
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
0x40
1k
–48
0x20
0x10
0x08
0x04
0x02
0x01
FREQUENCY (Hz)
Figure 18. Gain vs. Frequency vs. Code, RAB = 10 kΩ
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
0x40
1k
–48
0x20
0x10
0x08
0x04
0x02
0x01
FREQUENCY (Hz)
Figure 19. Gain vs. Frequency vs. Code, RAB = 50 kΩ
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
0x40
1k
–48
0x20
0x10
0x08
0x04
0x02
0x01
FREQUENCY (Hz)
Figure 20. Gain vs. Frequency vs. Code, RAB = 100 kΩ
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
5k
1k
–48
50k
10k
100k
FREQUENCY (Hz)
Figure 21. −3 dB Bandwidth @ Code = 0x80


Numéro de pièce similaire - AD5247BKSZ100-2RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5247BKS10-R2 AD-AD5247BKS10-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS10-RL7 AD-AD5247BKS10-RL7 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS100-R2 AD-AD5247BKS100-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS100-RL7 AD-AD5247BKS100-RL7 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS5-R2 AD-AD5247BKS5-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
More results

Description similaire - AD5247BKSZ100-2RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com