Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5162BRMZ10-RL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5162BRMZ10-RL7
Description  Dual, 256-Position, SPI Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5162BRMZ10-RL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5162BRMZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 9Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 10Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 11Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 12Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 13Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 14Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5162
Rev. C | Page 11 of 20
0.01
1
0.1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIGITAL INPUT VOLTAGE (V)
TA = 25°C
VDD = 2.7V
VDD = 5.5V
Figure 21. Supply Current vs. Digital Input Voltage
VW
CLK
Figure 22. Digital Feedthrough
VW2
VW1
Figure 23. Digital Crosstalk
VW2
VW1
Figure 24. Analog Crosstalk
VW
Figure 25. Midscale Glitch, Code 0x80 to Code 0x7F
VW
CS
Figure 26. Large-Signal Settling Time


Numéro de pièce similaire - AD5162BRMZ10-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results

Description similaire - AD5162BRMZ10-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com