Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD667JN Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD667JN
Description  Microprocessor-Compatible 12-Bit D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD667JN Fiches technique(HTML) 6 Page - Analog Devices

  AD667JN Datasheet HTML 1Page - Analog Devices AD667JN Datasheet HTML 2Page - Analog Devices AD667JN Datasheet HTML 3Page - Analog Devices AD667JN Datasheet HTML 4Page - Analog Devices AD667JN Datasheet HTML 5Page - Analog Devices AD667JN Datasheet HTML 6Page - Analog Devices AD667JN Datasheet HTML 7Page - Analog Devices AD667JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD667
REV. A
–6–
Small resistors may be added to the feedback resistors in order
to accomplish small modifications in the scaling. For example, if
a 10.24 V full scale is desired, a 140
Ω 1% low TC metal-film
resistor can be added in series with the internal (nominal) 5k
feedback resistor, and the gain trim potentiometer (between
Pins 6 and 7) should be increased to 200
Ω. In the bipolar
mode, increase the value of the bipolar offset trim potentiometer
also to 200
Ω.
GROUNDING RULES
The AD667 brings out separate analog and power grounds to
allow optimum connections for low noise and high speed perfor-
mance. These grounds should be tied together at one point,
usually the device power ground. The separate ground returns
are provided to minimize current flow in low level signal paths.
The analog ground at Pin 5 is the ground point for the output
amplifier and is thus the “high quality” ground for the AD667;
it should be connected directly to the analog reference point of
the system. The power ground at Pin 16 can be connected to
the most convenient ground point; analog power return is
preferred. If power ground contains high frequency noise be-
yond 200 mV, this noise may feed through the converter, thus
some caution will be required in applying these grounds.
It is also important to apply decoupling capacitors properly on
the power supplies for the AD667 and the output amplifier. The
correct method for decoupling is to connect a capacitor from
each power supply pin of the AD667 to the analog ground pin
of the AD667. Any load driven by the output amplifier should
also be referred to the analog ground pin.
OPTIMIZING SETTLING TIME
The dynamic performance of the AD667’s output amplifier can
be optimized by adding a small (20 pF) capacitor across the
feedback resistor. Figure 4 shows the improvement in both
large-signal and small-signal settling for the 10 V range. In Fig-
ure 4a, the top trace shows the data inputs (DB11–DB0 tied to-
gether), the second trace shows the CS pulse (A3–A0 tied low),
and the lower two traces show the analog outputs for CF = 0 pF
and 20 pF respectively.
Figures 4b and 4c show the settling time for the transition from
all bits on to all bits off. Note that the settling time to
±1/2 LSB
for the 10 V step is improved from 2.4 microseconds to 1.6 mi-
croseconds by the addition of the 20 pF capacitor.
Figures 4d and 4e show the settling time for the transition from
all bits off to all bits on. The improvement in settling time
gained by adding CC = 20 pF is similar.
a. Large Scale Settling
b. Fine-Scale Settling, CF = 0 pF
c. Fine-Scale Settling, CF = 20 pF
d. Fine-Scale Settling, CF = 0 pF
e. Fine-Scale Settling, CF = 20 pF
Figure 4. Settling Time Performance
DIGITAL CIRCUIT DETAILS
The bus interface logic of the AD667 consists of four indepen-
dently addressable registers in two ranks. The first rank consists
of three four-bit registers which can be loaded directly from a
4-, 8-, 12-, or 16-bit microprocessor bus. Once the complete
12-bit data word has been assembled in the first rank, it can be
loaded into the 12-bit register of the second rank. This
double-buffered organization avoids the generation of spurious
analog output values. Figure 5 shows the block diagram of the
AD667 logic section.
The latches are controlled by the address inputs, A0–A3, and
the CS input. All control inputs are active low, consistent with
general practice in microprocessor systems. The four address
lines each enable one of the four latches, as indicated in Table II.
All latches in the AD667 are level-triggered. This means that
data present during the time when the control signals are valid
will enter the latch. When any one of the control signals returns
high, the data is latched.


Numéro de pièce similaire - AD667JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD667JN AD-AD667JN Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JN AD-AD667JN Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JN AD-AD667JN Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results

Description similaire - AD667JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
   12-Bit, Microprocessor- Compatible A/D Converter
logo
Analog Devices
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667_15 Datasheet
759Kb / 8P
   Microprocessor Compatible 12 bit D/A Converter
REV. A
AD667 AD-AD667 Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com