Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N3039B-1 Fiches technique(PDF) 3 Page - Microsemi Corporation

No de pièce 1N3039B-1
Description  1 Watt Glass Case Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3039B-1 Fiches technique(HTML) 3 Page - Microsemi Corporation

  1N3039B-1 Datasheet HTML 1Page - Microsemi Corporation 1N3039B-1 Datasheet HTML 2Page - Microsemi Corporation 1N3039B-1 Datasheet HTML 3Page - Microsemi Corporation 1N3039B-1 Datasheet HTML 4Page - Microsemi Corporation 1N3039B-1 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T4-LDS-0285, Rev. 1 (121794)
©2013 Microsemi Corporation
Page 3 of 5
1N3016B-1 – 1N3045B-1
*ELECTRICAL CHARACTERISTICS @ 25°C
JEDEC
TYPE
NUMBER
NOMINAL
ZENER
VOLTAGE
V Z @ IZT
(Note 1)
ZENER
TEST
CURRENT
IZT
MAXIMUM ZENER IMPEDANCE
(Note 3)
MAXIMUM
ZENER
CURRENT
IZM
(Note 3)
MAXIMUM
REVERSE
LEAKAGE
CURRENT†
IR
@
V R
MAXIMUM
TEMP. COEFF.
OF ZENER
VOLTAGE
α VZ
ZZT @ IZT
ZZK
@
IZK
Volts
mA
Ohms
Ohms
mA
mA
µA
Volts
%/
oC
1N3016B-1
1N3017B-1
1N3018B-1
1N3019B-1
6.8
7.5
8.2
9.1
37
34
31
28
3.5
4.0
4.5
6
700
700
700
700
1.0
.5
.5
.5
140
125
115
105
150
100
50
25
5.2
5.7
6.2
6.9
0.061
0.065
0.070
0.073
1N3020B-1
1N3021B-1
1N3022B-1
1N3023B-1
10
11
12
13
25
23
21
19
7
8
9
10
700
700
700
700
.25
.25
.25
.25
95
85
80
74
25
10
10
10
7.6
8.4
9.1
9.9
0.076
0.078
0.081
0.085
1N3024B-1
1N3025B-1
1N3026B-1
1N3027B-1
15
16
18
20
17
15.5
14
12.5
14
16
20
22
700
700
750
750
.25
.25
.25
.25
63
60
52
47
10
10
10
10
11.4
12.2
13.7
15.2
0.088
0.089
0.091
0.092
1N3028B-1
1N3029B-1
1N3030B-1
1N3031B-1
22
24
27
30
11.5
10.5
9.5
8.5
23
25
35
40
750
750
750
1000
.25
.25
.25
.25
43
40
34
31
10
10
10
10
16.7
18.2
20.6
22.8
0.093
0.094
0.096
0.098
1N3032B-1
1N3033B-1
1N3034B-1
1N3035B-1
33
36
39
43
7.5
7.0
6.5
6.0
45
50
60
70
1000
1000
1000
1500
.25
.25
.25
.25
28
26
23
21
10
10
10
10
25.1
27.4
29.7
32.7
0.099
0.100
0.101
0.102
1N3036B-1
1N3037B-1
1N3038B-1
1N3039B-1
47
51
56
62
5.5
5.0
4.5
4.0
80
95
110
125
1500
1500
2000
2000
.25
.25
.25
.25
19
18
17
15
10
10
10
10
35.8
38.8
42.6
47.1
0.102
0.103
0.103
0.104
1N3040B-1
1N3041B-1
1N3042B-1
1N3043B-1
68
75
82
91
3.7
3.3
3.0
2.8
150
175
200
250
2000
2000
3000
3000
.25
.25
.25
.25
14
12
11
10
10
10
10
10
51.7
56.0
62.2
69.2
0.104
0.105
0.106
0.108
1N3044B-1
1N3045B-1
100
110
2.5
2.3
350
450
3000
4000
.25
.25
9.0
8.3
10
10
76.0
83.6
0.11
0.11
*JEDEC Registered Data.
†Not JEDEC Data.
NOTES: 1.
Zener Voltage (
V Z) is measured with junction in thermal equilibrium with still air at a temperature of 25
oC. The test currents (I
ZT ) at
nominal voltages provide a constant 0.25 watts.
2.
The Zener impedance is derived when a 60 cycle ac current having an rms value equal to 10% of the dc Zener current (IZT or
IZK) is superimposed on IZT or IZK. Zener impedance is measured at 2 points to ensure a sharp knee on the breakdown curve
and to eliminate unstable units. See MicroNote 202 for variation in dynamic impedance with different Zener currents.
3.
These values of IZM may often be exceeded in the case of individual diodes. The values shown are calculated for a unit at the high
voltage end of its tolerance range. Allowance has also been made for the rise in Zener voltage above V ZT that results from Zener
impedance and the increase in junction temperature as a unit approaches thermal equilibrium at a dissipation of 1 watt. The I ZM
values shown for +/- 5% tolerance units may be used with little error for +/-10% tolerance units, but should be reduced by 7% to
include a +/- 20% tolerance unit near the high voltage end of its tolerance range.


Numéro de pièce similaire - 1N3039B-1

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
1N3039B CDI-DIODE-1N3039B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3039B MICROSEMI-1N3039B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N3039B MICROSEMI-1N3039B Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
1N3039BTR MICROSEMI-1N3039BTR Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
1N3039BTRUR-1 MICROSEMI-1N3039BTRUR-1 Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
More results

Description similaire - 1N3039B-1

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
logo
America Semiconductor, ...
1N3016B AMERICASEMI-1N3016B Datasheet
712Kb / 2P
   1 Watt Metal Case Zener Diodes
logo
New Jersey Semi-Conduct...
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com