Moteur de recherche de fiches techniques de composants électroniques |
|
1N3025B-1 Fiches technique(PDF) 5 Page - Microsemi Corporation |
|
1N3025B-1 Fiches technique(HTML) 5 Page - Microsemi Corporation |
5 / 5 page T4-LDS-0285, Rev. 1 (121794) ©2013 Microsemi Corporation Page 5 of 5 1N3016B-1 – 1N3045B-1 PACKAGE DIMENSIONS NOTES: 1. Dimensions are in inches. Millimeters are given for general information only. 2. Package contour optional with BD and length BL. Heat slugs, if any, shall be included within this cylinder length but shall not be subject to minimum limit of BD. 3. Within this zone lead, diameter may vary to allow for lead finishes and irregularities other than heat slugs. 4. In accordance with ASME Y14.5M, diameters are equivalent to Φx symbology. DIMENSIONS Ltr INCH MILLIMETERS Notes Min Max Min Max BD 0.080 0.107 2.03 2.72 2 BL 0.160 0.205 4.06 5.21 2 LD 0.028 0.034 0.71 0.86 LL 1.000 - 25.40 - LU - 0.050 - 1.27 3 |
Numéro de pièce similaire - 1N3025B-1 |
|
Description similaire - 1N3025B-1 |