Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NZT660 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce NZT660
Description  PNP Low Saturation Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT660 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  NZT660 Datasheet HTML 1Page - Fairchild Semiconductor NZT660 Datasheet HTML 2Page - Fairchild Semiconductor NZT660 Datasheet HTML 3Page - Fairchild Semiconductor NZT660 Datasheet HTML 4Page - Fairchild Semiconductor NZT660 Datasheet HTML 5Page - Fairchild Semiconductor NZT660 Datasheet HTML 6Page - Fairchild Semiconductor NZT660 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
-
75
IC = 100 mA,VCE = 5 V, f=100MHz
Transition Frequency
fT
pF
45
VCB = 10 V, IE = 0, f = 1MHz
Output Capacitance
Cobo
SMALL SIGNAL CHARACTERISTICS
V
1
IC = 1 A, VCE = 2 V
Base-Emitter On Voltage
VBE(on)
V
1.25
IC = 1 A, IB = 100 mA
Base-Emitter Saturation Voltage
VBE(sat)
mV
300
550
500
IC = 1 A, IB = 100 mA
IC = 3 A, IB = 300 mA
NZT660
NZT660A
Collector-Emitter Saturation Voltage
VCE(sat)
-
300
550
70
100
250
80
25
IC = 100 mA, VCE = 2 V
IC = 500 mA, VCE = 2 V NZT660
NZT660A
IC = 1 A, VCE = 2 V
IC = 3 A, VCE = 2 V
DC Current Gain
hFE
ON CHARACTERISTICS*
nA
100
VEB = 4V
Emitter Cutoff Current
IEBO
nA
uA
100
10
VCB = 30 V
VCB = 30 V, TA=100°C
Collector Cutoff Current
ICBO
V
5
IE = 100
µA
Emitter-Base Breakdown Voltage
BVEBO
V
80
IC = 100
µA
Collector-Base Breakdown Voltage
BVCBO
V
60
IC = 10 mA
Collector-Emitter Breakdown Voltage
BVCEO
OFF CHARACTERISTICS
Units
Max
Min
Test Conditions
Parameter
Symbol
PNP Low Saturation Transistor
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
*Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
Nzt660.lwpPrPA 7/10/98 revC


Numéro de pièce similaire - NZT660

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NZT660 FAIRCHILD-NZT660 Datasheet
434Kb / 5P
   PNP Low Saturation Transistor
NZT660A FAIRCHILD-NZT660A Datasheet
434Kb / 5P
   PNP Low Saturation Transistor
NZT660 FAIRCHILD-NZT660_05 Datasheet
434Kb / 5P
   PNP Low Saturation Transistor
More results

Description similaire - NZT660

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB660 FAIRCHILD-FSB660 Datasheet
223Kb / 7P
   PNP Low Saturation Transistor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
   PNP Low Saturation Transistor
FMMT549 FAIRCHILD-FMMT549_06 Datasheet
151Kb / 5P
   PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FZT790A ONSEMI-FZT790A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
February 2015 Rev. 3.1
FSB749 ONSEMI-FSB749 Datasheet
267Kb / 6P
   PNP Low Saturation Transistor
January 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
   PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
FPN660 FAIRCHILD-FPN660 Datasheet
57Kb / 5P
   PNP Low Saturation Transistor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com