Moteur de recherche de fiches techniques de composants électroniques |
|
OP07CPZ Fiches technique(PDF) 7 Page - Analog Devices |
|
OP07CPZ Fiches technique(HTML) 7 Page - Analog Devices |
7 / 16 page Data Sheet OP07 Rev. G | Page 7 of 16 TYPICAL PERFORMANCE CHARACTERISTICS 1000 0 200 400 600 800 900 100 300 500 700 –50 –75 100 50 0 –25 125 75 25 TEMPERATURE (°C) VS = ±15V Figure 3. Open-Loop Gain vs. Temperature 30 25 20 15 10 5 0 –20 0 20 40 60 80 100 TIME (Seconds) VS = ±15V TA = 25°C, TA = 70°C THERMAL SHOCK RESPONSE BAND DEVICE IMMERSED IN 70°C OIL BATH Figure 4. Offset Voltage Change due to Thermal Shock OP07C OP07E 25 20 15 10 5 0 0 1 2 3 4 5 TIME AFTER SUPPLY TURN-ON (Minutes) VS = ±15V TA = 25°C Figure 5. Warm-Up Drift 1.0 0.8 0.6 0.4 0.2 0 100 1k 10k 100k MATCHED OR UNMATCHED SOURCE RESISTANCE (Ω) OP07E OP07C VS = ±15V TA = 25°C Figure 6. Maximum Error vs. Source Resistance 1.2 1.0 0.8 0.6 0.4 0.2 0 100 1k 10k 100k MATCHED OR UNMATCHED SOURCE RESISTANCE (Ω) VS = ±15V 0°C ≤ TA ≤ 70°C OP07C OP07E Figure 7. Maximum Error vs. Source Resistance 30 –30 –20 –10 0 10 20 –30 –20 –10 30 20 10 0 DIFFERENTIAL INPUT VALUE (V) AT |VDIFF| ≤ 1.0V, | IB | ≤ 7nA (OP07C) VS = ±15V TA = 25°C Figure 8. Input Bias Current vs. Differential Input Voltage |
Numéro de pièce similaire - OP07CPZ |
|
Description similaire - OP07CPZ |