Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7676 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7676
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7676 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7676 Datasheet HTML 3Page - Analog Devices AD7676 Datasheet HTML 4Page - Analog Devices AD7676 Datasheet HTML 5Page - Analog Devices AD7676 Datasheet HTML 6Page - Analog Devices AD7676 Datasheet HTML 7Page - Analog Devices AD7676 Datasheet HTML 8Page - Analog Devices AD7676 Datasheet HTML 9Page - Analog Devices AD7676 Datasheet HTML 10Page - Analog Devices AD7676 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7654
Rev. B | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Values
Analog Inputs
INAx1, INBx1, REFx, INxN,
REFGND
AVDD + 0.3 V to
AGND
− 0.3 V
Ground Voltage Differences
AGND, DGND, OGND
±0.3 V
Supply Voltages
AVDD, DVDD, OVDD
−0.3 V to +7 V
AVDD to DVDD, AVDD to OVDD
±7 V
DVDD to OVDD
−0.3 V to +7 V
Digital Inputs
−0.3 V to DVDD + 0.3 V
Internal Power Dissipation2
700 mW
Internal Power Dissipation3
2.5 W
Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
(Soldering 10 sec)
300°C
1 See Analog Inputs section.
2 Specification is for device in free air:
48-lead LQFP:
θJA = 91°C/W, θJC = 30°C/W.
3 Specification is for device in free air: 48-lead LFCSP; θJA = 26°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
TO OUTPUT
PIN
CL
60pF*
500µA
IOH
1.6mA
IOL
1.4V
*IN SERIAL INTERFACE MODES, THE SYNC, SCLK, AND
SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM.
Figure 2. Load Circuit for Digital Interface Timing
(SDOUT, SYNC, SCLK Outputs, CL = 10 pF)
0.8V
2V
2V
0.8V
tDELAY
2V
0.8V
tDELAY
Figure 3. Voltage Reference Levels for Timing
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Numéro de pièce similaire - AD7676

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7676 AD-AD7676 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7676 AD-AD7676 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7676 AD-AD7676 Datasheet
321Kb / 20P
   16-Bit -1 LSB INL, 500 kSPS, Differential ADC
REV. 0
AD7676 AD-AD7676 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7676 AD-AD7676 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
More results

Description similaire - AD7676

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
   Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com