Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8638 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8638
Description  16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8638 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8638 Datasheet HTML 2Page - Analog Devices AD8638 Datasheet HTML 3Page - Analog Devices AD8638 Datasheet HTML 4Page - Analog Devices AD8638 Datasheet HTML 5Page - Analog Devices AD8638 Datasheet HTML 6Page - Analog Devices AD8638 Datasheet HTML 7Page - Analog Devices AD8638 Datasheet HTML 8Page - Analog Devices AD8638 Datasheet HTML 9Page - Analog Devices AD8638 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8638/AD8639
Rev. F | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
VOS (µV)
1400
0
–10
10
1200
1000
800
600
400
200
–5
5
0
VSY = 5V
0V
≤ VCM ≤ +3V
Figure 5. Input Offset Voltage Distribution
TCVOS (nV/°C)
25
20
15
10
5
0
0
4
8
12
16
20
24
28
32
36
40
VSY = ±2.5V
–40°C
≤ TA ≤ +125°C
SOIC PACKAGE
Figure 6. Input Offset Voltage Drift Distribution
VCM (V)
10.0
–10.0
–0.5
4
7.5
5.0
2.5
0
–2.5
–5.0
–7.5
0
0.5
1
1.5
2.0
2.5
3.0
3.5
VSY = 5V
–0.5V
≤ VCM ≤ +3.9V
Figure 7. Input Offset Voltage vs. Common-Mode Voltage
VOS (µV)
6000
4000
5000
2000
3000
1000
0
–10
–5
0
5
10
VSY = 16V
0V
≤ VCM ≤ +14V
Figure 8. Input Offset Voltage Distribution
TCVOS (nV/°C)
12
8
10
4
6
2
0
VSY = ±8V
–40°C
≤ TA ≤ +125°C
SOIC PACKAGE
0
4
8
1216
2024
28
32
36
40
Figure 9. Input Offset Voltage Drift Distribution
VCM (V)
10.0
–10.0
–0.5
7.5
5.0
2.5
0
–2.5
–5.0
–7.5
14.5
13.0
11.5
10.0
8.5
7.0
5.5
4.0
2.5
1.0
VSY = 16V
–0.5V
≤ VCM ≤ +14.5V
Figure 10. Input Offset Voltage vs. Common-Mode Voltage


Numéro de pièce similaire - AD8638

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8638 AD-AD8638 Datasheet
92Kb / 4P
   16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Rev. PrA
AD8638 AD-AD8638 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8638 AD-AD8638 Datasheet
879Kb / 24P
   30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
REV. 0
AD8638 AD-AD8638 Datasheet
629Kb / 20P
   16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Rev. F
AD8638ARJZ AD-AD8638ARJZ Datasheet
92Kb / 4P
   16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Rev. PrA
More results

Description similaire - AD8638

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8639ARMZ AD-AD8639ARMZ Datasheet
629Kb / 20P
   16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Rev. F
AD8638 AD-AD8638 Datasheet
92Kb / 4P
   16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Rev. PrA
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com