Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD812ANZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD812ANZ
Description  Dual, Current Feedback Low Power Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD812ANZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD812ANZ Datasheet HTML 6Page - Analog Devices AD812ANZ Datasheet HTML 7Page - Analog Devices AD812ANZ Datasheet HTML 8Page - Analog Devices AD812ANZ Datasheet HTML 9Page - Analog Devices AD812ANZ Datasheet HTML 10Page - Analog Devices AD812ANZ Datasheet HTML 11Page - Analog Devices AD812ANZ Datasheet HTML 12Page - Analog Devices AD812ANZ Datasheet HTML 13Page - Analog Devices AD812ANZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD812
REV. B
–10–
10
90
100
0%
500mV
50ns
5V
VIN
VOUT
Figure 28. Large Signal Pulse Response, Gain = +10,
(RF = 357 Ω, RL = 500 Ω, VS = ±15 V)
1
10
1000
100
FREQUENCY – MHz
–1
–6
1
0
–2
–3
–4
–5
0
–90
–180
–270
3V
5V
5V
5V
3V
5V
PHASE
GAIN
VS = 15V
G = +10
RL = 150
VS = 15V
Figure 29. Closed-Loop Gain and Phase vs. Frequency,
Gain = +10, RL = 150 Ω
216
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
30
20
60
40
50
70
80
90
100
10
0
018
20
G = +10
RL= 150
PEAKING
1dB
RF = 154
RF = 357
RF = 649
Figure 30. –3 dB Bandwidth vs. Supply Voltage,
Gain = +10, RL = 150 Ω
10
90
100
0%
20ns
500mV
50mV
VIN
VOUT
Figure 31. Small Signal Pulse Response, Gain = +10,
(RF = 357 Ω, RL = 150 Ω, VS = ±5 V)
1
10
1000
100
FREQUENCY – MHz
–1
–6
1
0
–2
–3
–4
–5
3V
5V
0
–90
–180
–270
–360
PHASE
GAIN
3V
5V
VS = 15V
G = +10
RL = 1k
5V
VS = 15V
5V
Figure 32. Closed-Loop Gain and Phase vs. Frequency,
Gain = +10, RL = 1 k
216
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
30
20
60
40
50
70
80
90
018
20
100
110
10
G = +10
RL = 1k
RF = 154
RF = 357
RF = 649
Figure 33. –3 dB Bandwidth vs. Supply Voltage,
Gain = +10, RL = 1 k Ω


Numéro de pièce similaire - AD812ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD812AN AD-AD812AN Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812AN AD-AD812AN Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
More results

Description similaire - AD812ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com