Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4-5225395-2 Fiches technique(PDF) 7 Page - Tyco Electronics

No de pièce 4-5225395-2
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

4-5225395-2 Fiches technique(HTML) 7 Page - Tyco Electronics

Back Button 4-5225395-2 Datasheet HTML 3Page - Tyco Electronics 4-5225395-2 Datasheet HTML 4Page - Tyco Electronics 4-5225395-2 Datasheet HTML 5Page - Tyco Electronics 4-5225395-2 Datasheet HTML 6Page - Tyco Electronics 4-5225395-2 Datasheet HTML 7Page - Tyco Electronics 4-5225395-2 Datasheet HTML 8Page - Tyco Electronics 4-5225395-2 Datasheet HTML 9Page - Tyco Electronics 4-5225395-2 Datasheet HTML 10Page - Tyco Electronics 4-5225395-2 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
50
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 50 Ohm (Continued)
Right-Angle Plugs,
Crimp
L
Max.
14.53
[.572]
Dia. Max.
26.57
[1.046]
L
Max.
14.53
[.572]
Dia. Max.
26.57
[1.046]
Single Crimp
Hex and O Crimp
Interchangeable Dies
CERTI-CRIMP
for PRO-CRIMPER
Interchangeable
RG/U
Termination
Center
Body
Dim.
Hand Tool
Hand Tool 354940-1
Dies for Hand
Cable
Type
Contact
Plating
Dielectric
Style
L
with
or
Tool 69710-1
Part No.
Plating
Integral Die
PRO-CRIMPER
& 626 Pneu.
Adapter 679304-1
Head 318161-1
174, 188,
Hex Crimp
Gold
Nickel
Polymethyl-
Commercial
39.45
58436-3
5413959-3
188A, 316
pentene
1.553
Single Crimp
Gold
Silver
TEFLON
MIL Type
44.45
91910-1
69422-
5331178-0
1.750
179, 179A,
39.45
179B, 161,
Hex Crimp
Gold
Nickel
Polymethyl-
Commercial
1.553
58436-3
5413959-4
187, 187A,
pentene
BELDEN 9221
180, 180A, 180B,
Hex Crimp
Gold
Nickel
Polymethyl-
Commercial
39.45
58436-3
5413959-5
195, 195A
pentene
1.553
BELDEN 9907,
89907, 8219,
Hex Crimp
Gold
Nickel
Polymethyl-
Commercial
39.45
58436-1
5413959-6
COMM/SCOPE
pentene
1.553
2104, 3104
Hex Crimp
Gold
Nickel
Polymethyl-
Commercial
39.45
58436-1
5413959-1
pentene
1.553
58, 58A,
O Crimp
Gold
Nickel
TEFLON
MIL Type
37.29
69478-1
220189-3
69727-1
5225974-1
58B, 58C
1.468
Single Crimp
Gold
Silver
TEFLON
MIL Type
44.45
91904-1
69223-1
5331175-0
1.750
O Crimp
Gold
Nickel
TEFLON
MIL Type
37.29
69478-1
220189-3
69727-1
5225974-2
55, 55A,
1.468
55B, 223
Single Crimp
Gold
Silver
TEFLON
MIL Type
44.45
91904-3
69429-1
5331182-0
1.750
142, 142A,
Single Crimp
Gold
Silver
TEFLON
MIL Type
44.45
69331-1
69429-1
5331182-0
142B, 400
1.750
124, 140, 210,
62, 62A, 62B,
37.29
59, 59A, 59B,
O Crimp
Gold
Nickel
TEFLON
MIL Type
1.468
58537-1
69669-1
5225974-5
BELDEN 9291,
9209, 9269
38.10
[1.500]
14.53
[.572]
Dia. Max.
Plugs, Twist-On
Related Product Data
Twist-On plugs must be used with cable
that has a solid conductor. These plugs
are not recommended for applications
where the cable frequently moves or
flexes.
Mating Twist-On Jack — Page 52
RG/U
Contact
Body
Dielectric
Style
Part No.
Cable
Plating
Plating
59, 59A,
Gold
Nickel
Polymethyl-
Commercial
5414265-3
59B
pentene
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
BELDEN is a trademark of Belden Wire and Cable Company.
COMM/SCOPE is a trademark of Commscope, Inc.
TEFLON is a trademark of E.I. Dupont de Nemours and Company.


Numéro de pièce similaire - 4-5225395-2

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
4-5225395-2 TEC-4-5225395-2 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Description similaire - 4-5225395-2

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com