Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8-5227079-2 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 8-5227079-2
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

8-5227079-2 Fiches technique(HTML) 2 Page - Tyco Electronics

  8-5227079-2 Datasheet HTML 1Page - Tyco Electronics 8-5227079-2 Datasheet HTML 2Page - Tyco Electronics 8-5227079-2 Datasheet HTML 3Page - Tyco Electronics 8-5227079-2 Datasheet HTML 4Page - Tyco Electronics 8-5227079-2 Datasheet HTML 5Page - Tyco Electronics 8-5227079-2 Datasheet HTML 6Page - Tyco Electronics 8-5227079-2 Datasheet HTML 7Page - Tyco Electronics 8-5227079-2 Datasheet HTML 8Page - Tyco Electronics 8-5227079-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
BNC Connectors (50 ohm/75 ohm) Performance Specifications
Single
Category B
Straight
Right-Angle
Commercial
Commercial
Commercial PC
Commercial
Characteristics
Crimp
O Crimp
Solder
Solder
O Crimp
O Crimp
Board
Solder
(MIL Type)
(MIL Type)
Clamp
Clamp
& Hex Crimp
& Hex Crimp
50 & 75 Ohms
50 Ohm Jacks
50 Ohms
75 Ohms
Electrical
Impedance, Nom.
50
50
50
50
50
75
50 & 75
50 & 75
(Ohms)
Working Voltage
500
500
500
500
500
500
500
500
(Volts RMS)
Contact Resistance
Inner: 1.5
Inner: 1.5
Inner: 1.5
Inner: 1.5
Inner: 2.0
Inner: 2.0
Inner: 6/1.5
Inner: 2.75
(Milliohms)
Outer: 0.3
Outer: 0.2
Outer: .20
Outer: .20
Outer: 1.0
Outer: 2.0
Outer: 3/0.2
Outer: 1.0
Initial Insulation Resistance
5000
5000
5000
5000
5000
5000
5000
5000
(Megohms)
Dielectric Withstanding
1500
1500
1500
1500
1500
1500
1500
1500
Voltage (VAC)
Corona Level at 70,000 ft.
375
375
375
375
375
375
375
(Volts, RMS)
RF Leakage, Max.
-55 at
-55 at
-55 at
-55 at
-55 at
——
(dB)
2-3 GHz
2-3 GHz
2-3 GHz
2-3 GHz
1-2 GHz
RF Insertion Loss,
0.2 at
0.2 at
0.3 at
0.2 at
0.15 at
——
Max. (dB)
3 GHz
3 GHz
3 GHz
3 GHz
2 GHz
Frequency Range
0-2.5
0-4
0-4
0-4
0-4
0-2
0-4 and
0-4
(GHz)
0-2
VSWR in Frequency
1.35
1.30
1.30
1.35
1.30
1.30
Range Max.
Mechanical
Force to Engage (lbs. [N])/couple,
13.3/11.12
13.3/11.12
13.3/.028
13.3/.028
26.7/26.69
26.7/26.69
——
(in-lbs. [N-M]) max.
[3/2.5]
[3/2.5]
[3/2.5]
[3/2.5]
[6/6.0]
[6/6.0]
Coupling Nut Retention,
444.8
444.8
444.8
444.8
266.9
266.9
——
Min. N [lbs.]
[100]
[100]
[100]
[100]
[60]
[60]
Cable Retention,
266.9 [60]
266.9 [60]
177.9 [40]
177.9 [40]
266.9 [60]
266.9 [60]
266.9 [60]
N [lbs.]
(RG58C/U)
(RG58C/U)
(RG58C/U)
(RG58C/U)
(RG58C/U)
(RG58C/U)
(PCB Ret)
Durability (Cycles)
500
500
500
500
500
500
500
500
Jam Nut Mounting Torque,
25
25
25
25
25
253/124
25
Max. [N•m] (in. lbs.)
[2.8]
[2.8]
[2.8]
[2.8]
[2.8]
[2.8/1.4]
[2.8]
Environmental
Temperature Range,
-65 to +85
-65 to +1651
-65 to +165
-65 to +165
-55 to +85
-55 to +85
-55 to +85
-65 to +165
Operating (C°)
-55 to +852
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-1344
MIL-STD-202
MIL-STD-202
MIL-STD-202
Vibration
Method 204
Method 204
Method 204
Method 204
Method 2005
Method 204
Method 204
Cond. B
Cond. B
Cond. B
Cond. B
Cond. III
Cond. B
Method 201A
Cond. B
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-1344
MIL-STD-202
MIL-STD-202
MIL-STD-202
Physical Shock
Method 213
Method 213
Method 213
Method 213
Method 2004
Method 213
Method 213
Method 213
Cond. G, 50 G’s Cond. G, 50 G’s
Cond. G
Cond. G
Cond. G, 100 G’s
Cond. I, 100 G’s
Cond. I or A, 50 G’s
Cond. I, 100 G’s
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-1344
MIL-STD-202
MIL-STD-202
MIL-STD-202
Thermal Shock
Method 1003
Method 107
Method 107
Method 107
Method 107
Cond. A
Method 107
Method 107
Method 107
Moisture
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-1344
MIL-STD-202
MIL-STD-202
MIL-STD-202
Method 1002
Resistance
Method 106
Method 106
Method 106
Method 106
Type II
Method 106
Method 106
Method 106
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-202
MIL-STD-1344
MIL-STD-202
MIL-STD-202
MIL-STD-202
Salt Spray
Method 101
Method 101
Method 101
Method 101
Method 1001
Method 101
Method 101
Method 101
Cond. B
Cond. B
Cond. B
Cond. B
Cond. B
Cond. B
Cond. B
Cond. B
Product
108-12002
108-12020
108-12044
108-12095
108-12078
108-12079
Specification
108-12047
1
Assembled to cable with polytetrafluorethylene dielectric.
2
Assembled to cable with polyethylene dielectric.
3
For Metal Threads
4
For Polyester Threads
45
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors


Numéro de pièce similaire - 8-5227079-2

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
8-5227079-2 TEC-8-5227079-2 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Description similaire - 8-5227079-2

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com