Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5414459-1 Fiches technique(PDF) 6 Page - Tyco Electronics

No de pièce 5414459-1
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

5414459-1 Fiches technique(HTML) 6 Page - Tyco Electronics

Back Button 5414459-1 Datasheet HTML 2Page - Tyco Electronics 5414459-1 Datasheet HTML 3Page - Tyco Electronics 5414459-1 Datasheet HTML 4Page - Tyco Electronics 5414459-1 Datasheet HTML 5Page - Tyco Electronics 5414459-1 Datasheet HTML 6Page - Tyco Electronics 5414459-1 Datasheet HTML 7Page - Tyco Electronics 5414459-1 Datasheet HTML 8Page - Tyco Electronics 5414459-1 Datasheet HTML 9Page - Tyco Electronics 5414459-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
BNC Connectors, 50 Ohm (Continued)
Plugs, Crimp (Continued)
Interchangeable Dies
CERTI-CRIMP
for PRO-CRIMPER
Interchangeable
RG/U
Termination
Body
Dim.
Hand Tool
Hand Tool 354940-1
Dies for Hand
Part No.
Cable
Type
Plating
Dielectric
Style
L
with
or
Tool 69710-1
Integral Die
PRO-CRIMPER
& 626 Pneu.
Adapter 679304-1
Head 318161-1
Hex Crimp
Nickel
Polyethylene
Commercial
33.53
58436-12
1-5221128-1
1.320
O Crimp
Nickel
Polyethylene
Commercial
27.69
220187-2
58435-11
220217-2
5227079-7
124, 140, 210,
1.090
62, 62A, 62B,
O Crimp
Nickel
Polyethylene
Commercial
27.69
220187-2
58435-11
220217-2
1-5227079-1
59, 59A, 59B,
1.090
BELDEN 9291,
O Crimp
Nickel
TEFLON
MIL Type
30.18
58537-1
5225395-2
9209, 9269
1.188
Single Crimp
Silver
TEFLON
MIL Type
33.33
69141-1
2-5329445-1
1.312
302, BELDEN
88241, 89269,
Hex Crimp
Nickel
Polyethylene
Commercial
33.53
58436-12
1-5221128-1
Hi-Temp 62A,
1.320
Times PL62,
BERK-TEK, BTDC-59,
O Crimp
Nickel
TEFLON
MIL Type
34.14
69477-1
58537-1
69669-1
4-5225395-1
BTDC-62
1.344
Hi-Temp 59,
Times PL59,
O Crimp
Nickel
Polyethylene
Commercial
33.33
58537-1
5-5227079-3
PLF59 (20 AWG C.C.)
1.312
BELDEN
9104, 9240,
Hex Crimp
Nickel
Polyethylene
Commercial
33.53
58436-12
1-5221128-7
9112, 9167,
1.320
9259, 9266,
Times
O Crimp
Nickel
TEFLON
MIL Type
30.94
2
58537-1
69669-1
2-5225395-0
FM-59
1.218
BELDEN 8281,
9141, 9231,
Single Crimp
Silver
Polypropylene
MIL Type
41.50
69652-
220000-1
5330878
Western Electric
1.634
724, 728, 3049
8, 8A,
O Crimp
Silver
TEFLON
MIL Type
27.31
220015-1
5225886-1
213
1.075
11, 11A
O Crimp
Silver
TEFLON
MIL Type
47.63
220015-1
5225886-4
1.875
BELDEN 9914,
O Crimp
Silver
TEFLON
MIL Type
47.63
220015-1
5225886-7
Times FM-8
1.875
Alpha 9847,
O Crimp
Silver
TEFLON
MIL Type
47.63
220015-1
225886-5
BELDEN 8213, 9292
1.875
9, 9A, 9B,
O Crimp
Silver
TEFLON
MIL Type
52.38
220015-1
5225886-1
214
2.062
1
Order Tyco Electronics PRO-CRIMPER Coaxial “O” Crimp Hand Tool assembly 58433-1, which includes dies 58435-1.
2
Order Tyco Electronics PRO-CRIMPER Coaxial Hex Crimp Hand Tool assembly 58433-2, which includes dies 58436-1.
2
Tyco Electronics PRO-CRIMPER II Hand Tool Frame without dies Part No. 354940-1
L
Max.
14.53
[.572]
Dia. Max.
L
Max.
Single Crimp
14.53
[.572]
Dia. Max.
Hex and O Crimp
49
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
BELDEN is a trademark of Belden Wire
and Cable Company.
BERK-TEK is a trademark of Nexans, Inc.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Numéro de pièce similaire - 5414459-1

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
5414459-1 TEC-5414459-1 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Description similaire - 5414459-1

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com