Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3988 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN3988
Description  USB/Charger and Over-Voltage Detection Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3988 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN3988 Datasheet HTML 1Page - Fairchild Semiconductor FAN3988 Datasheet HTML 2Page - Fairchild Semiconductor FAN3988 Datasheet HTML 3Page - Fairchild Semiconductor FAN3988 Datasheet HTML 4Page - Fairchild Semiconductor FAN3988 Datasheet HTML 5Page - Fairchild Semiconductor FAN3988 Datasheet HTML 6Page - Fairchild Semiconductor FAN3988 Datasheet HTML 7Page - Fairchild Semiconductor FAN3988 Datasheet HTML 8Page - Fairchild Semiconductor FAN3988 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3988 • Rev. 1.0.10
4
DC Electrical Characteristics
TA = 25°C, VBUS = 5.0V, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply
VBUS
Supply Voltage Range
VBUS Range
2.7
5.0
20.0
V
IBUS
Quiescent Supply Current
VBUS = +5.0V, D+ D- Shorted
1.2
2.0
mA
tSUPPLY
Power-Up Stabilization Time
VBUS = +5.0V, D+ D- Shorted
10
ms
Input Characteristics
CD+
Input Capacitance
1.5
2.0
pF
CD-
Input Capacitance
1.5
2.0
pF
Ioff D+
Off Leakage Current
VBUS = 0V or 5V VIN on D+ = 5V
1
µA
Ioff D-
Off Leakage Current
VBUS = 0V or 5V VIN on D- = 5V
1
µA
Output Characteristics
OVDETECT
Over-Voltage Threshold
Detect
VBUS = +5.0V, Flag2 = LOW
5.8
6.0
6.5
V
OVHYST
Over-Voltage Hysteresis
Voltage Sweep through Upper
and Lower Trip Points
100
mV
UVDETECT
Under-Voltage Threshold
Detect
VBUS = +5.0V, Flag2 = LOW
3.0
3.3
3.6
V
UVHYST
Under-Voltage Hysteresis
Voltage Sweep through Upper
and Lower Trip Points
100
mV
VOH FLAG1/
FLAG2
Minimum HIGH Output
Voltage
VBUS = +5.0V, IOH = -20µA
2.4
2.6
V
VOL FLAG1/
FLAG2
Maximum LOW Output
Voltage
VBUS = +5.0V, IOL = 20µA
0.3
V
IOH FLAG1/
FLAG2
Minimum HIGH Output
Current
-20
µA
IOL FLAG1/
FLAG2
Maximum HIGH Output
Current
20
µA
D+/D-
Threshold
1.025
1.300
1.365
V
toff
Flag2 HIGH to LOW
100pF Load
10
ns
ton
Flag2 LOW to HIGH
100pF Load
44
ns


Numéro de pièce similaire - FAN3988

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
FAN3988IL6X ONSEMI-FAN3988IL6X Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
More results

Description similaire - FAN3988

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
   USB/Charger Detection Device with Load Switch
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Texas Instruments
BQ24351 TI-BQ24351 Datasheet
1Mb / 18P
[Old version datasheet]   Over-Voltage and Over-Current Charger
BQ24392 TI1-BQ24392 Datasheet
708Kb / 17P
[Old version datasheet]   Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
logo
Unisonic Technologies
UB291G-XX-AG6-R UTC-UB291G-XX-AG6-R Datasheet
263Kb / 9P
   Charger Detection Voltage
logo
Texas Instruments
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
logo
ON Semiconductor
FSA880 ONSEMI-FSA880 Datasheet
790Kb / 27P
   USB Port 2:1 Switch with Accessory and Charger Detection
August 2014 Rev. 1.0.7
logo
Fairchild Semiconductor
FSA880 FAIRCHILD-FSA880 Datasheet
1Mb / 4P
   USB Port 2:1 Switch with Accessory and Charger Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com